Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVMN28/ML Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DVMN28/ML
Description  HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DVMN28/ML Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  DVMN28/ML Datasheet HTML 1Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 2Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 3Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMN28/ML Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DVMN28
15005DSC
7
PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
+Vin
28V Input: Positive Input Voltage Connection
2
INH
Logic Low = Disabled Output.
3
-Vin
Input Common Connection
4
-Vout
Output Common Connection
5
INH OUT
Output Inhibit. Open Collector Output. Connects to Load Converter INH Input.
6
+Vout
28V Output: Positive Output Voltage Connection
ENVIRONMENTAL SCREENING
Screening
MIL-STD-883
Standard
(No Suffix)
Military
/ML
Pre-Cap Inspection
IPC-A-610 Class II
•
•
Temperature Cycling
-55°C, 100°C, 10 cycles
•
Burn-In
96 hours at +100°C
12 hours at +100°C
•
•
Final Electrical
100% at -55°C, 25°C, 100°C
1
100% at 25°C
•
•
Final Inspection
Method 2009
•
•
Note: 1. 100% R&R testing at –55°C, +25°C, and +100°C with all test data included in product
shipment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com