Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVMC28F/ES Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DVMC28F/ES
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DVMC28F/ES Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DVMC28F/ES Datasheet HTML 1Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 2Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 3Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 8Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DVMC28 Series
10015DSD
17921 Bothell-Everett
Highway, Suite 108
Bothell, WA 98012
http://www.vpt-inc.com
Sales Information:
Phone: (425) 487-4850
Fax: (425) 487-4802
E-mail: sales@vpt-inc.com
1
HIGH RELIABILITY HYBRID
EMI FILTERS
DESCRIPTION
The DVMC series of hybrid EMI filters is operable
over the full military (-55 °C to +125 °C) temperature
range with no power derating. The DVMC EMI filter
is designed to filter conducted emissions of two
DVTR or one DVFL series DC-DC converters.
These filters are designed and manufactured in a
facility qualified to ISO9001 and certified to MIL-
PRF-38534 and MIL-STD-883.
FEATURES
• High Reliability
• Wide Input Voltage Range: 0 to 50 Volts per
MIL-STD-704
• Up to 4.0 Amp Maximum Current
• 40 dB Minimum Attenuation at 500 kHz
• Industry Standard Pinout
• High Input Transient Voltage: 80 Volts for 1 sec
per MIL-STD-704A
• Precision Seam Welded or Solder Seal
Hermetic Package
• Custom Versions Available
• Additional Environmental Screening Available
• Meets MIL-STD-461C and MIL-STD-461D EMC
Requirements
• Protects Against Conducted Susceptibility
Specified in MIL-STD-461C, CS01 and CS02
• Flanged and Non-flanged Versions Available
• MIL-PRF-38534 Element Evaluated
Components
Figure 1
– DVMC28 / DVMC28F EMI Filter
(Not To Scale)


Similar Part No. - DVMC28F/ES

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
DVMC28FES VPT-DVMC28FES Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FH VPT-DVMC28FH Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FHB VPT-DVMC28FHB Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FK VPT-DVMC28FK Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
More results

Similar Description - DVMC28F/ES

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DVMA28 ETC-DVMA28 Datasheet
310Kb / 9P
HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 DELTA-DVMSA28 Datasheet
317Kb / 9P
HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com