Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DVMC28F/ES Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DVMC28F/ES
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DVMC28F/ES Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DVMC28F/ES Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 8Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 9Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 10Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 11Page - List of Unclassifed Manufacturers DVMC28F/ES Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DVMC28 Series
10015DSD
10
PACKAGE SPECIFICATIONS (FLANGED, SEAM SEAL)
TOP VIEW
SIDE VIEW
PIN
FUNCTION
1
28V IN
2
28V OUT
3
CASE
4
OUT COM
5
IN COM
BOTTOM VIEW
Figure 14
– Flanged, Seam Seal Package and Pinout
(Dimensional Limits are ±0.005” Unless Otherwise Stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com