Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-851FH Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-851FH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-851FH Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-851FH Datasheet HTML 1Page - Mini-Circuits ADE-851FH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Level 17 (LO Power +17 dBm) 620 to 850 MHz
Frequency Mixer
High IP3
CASE STYLE: CD636
Demo Board MCL P/N: TB-02
Suggested PCB Layout (PL-051)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
4
IF
3
GROUND
1,2,5
Outline Drawing
REV. B
M151107
ADE-851FH+
ED-16275/1
WL/CP/AM
150518
LO
IF
RF
A
B
C
D
E
F
G
.272
.310
.220
.100
.162
.055
.100
6.91
7.87
5.59
2.54
4.11
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.25
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
IP3
(dBm)
RF
LO
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
LO
+17dBm
Typical Performance Data
Electrical Schematic
ADE-851FH+
Features
• excellent IP3, 34 dBm typ.
• excellent P1dB compression, +20 dBm at input
• good L-R isolation, 34 dB typ.
• good L-I isolation, 36 dB typ.
• aqueous washable
• patent pending
Applications
• cellular
• mobil radio
• wireless communication service
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
20 dBm
LO Power
19 dBm
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
620.10
685.10
7.02
32.67
37.75
3.09
3.98
34.43
640.10
705.10
7.16
31.84
37.74
3.11
3.65
35.57
650.10
715.10
7.24
31.74
37.83
3.13
3.47
35.90
660.10
725.10
7.30
31.16
38.18
3.15
3.32
37.53
670.10
735.10
7.31
30.43
38.70
3.10
3.22
38.09
680.10
745.10
7.29
30.68
39.23
3.08
3.18
37.57
690.10
755.10
7.30
31.59
40.05
3.07
3.15
36.78
700.10
765.10
7.27
32.16
40.88
3.07
3.15
37.32
710.10
775.10
7.21
32.40
42.31
3.06
3.18
38.39
720.10
785.10
7.20
33.24
43.16
3.05
3.22
38.98
740.10
805.10
7.32
37.26
44.32
3.09
3.34
37.77
750.10
815.10
7.37
38.89
44.03
3.11
3.36
37.70
760.10
825.10
7.42
39.91
42.12
3.15
3.38
37.54
780.10
845.10
7.51
42.45
39.94
3.19
3.46
35.85
790.10
855.10
7.54
43.49
39.19
3.21
3.52
35.55
800.10
865.10
7.54
42.78
38.53
3.22
3.61
36.30
820.10
885.10
7.66
41.62
37.71
3.22
3.76
35.45
830.10
895.10
7.74
41.77
37.39
3.20
3.81
34.58
840.10
905.10
7.78
41.46
37.18
3.18
3.83
34.47
850.10
915.10
7.80
40.78
36.88
3.14
3.83
34.17
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Parameter
Min.
Typ.
Max.
Unit
Frequency Range, RF
620
—
850
MHz
Frequency Range, LO
685
—
915
MHz
Frequency Range, IF
10
—
150
MHz
Conversion Loss
—
7.3
8.9
dB
LO to RF Isolation
25
34
—
dB
LO to IF Isolation
23
36
—
dB
IP3
—
34
—
dBm
RF Input Power at 1 dB Compression
—
+20
—
dBm


Similar Part No. - ADE-851FH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-851FLH MINI-ADE-851FLH Datasheet
322Kb / 2P
Frequency Mixer
ADE-851FLH+ MINI-ADE-851FLH+ Datasheet
322Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-851FH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com