Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-851FH Datasheet(PDF) 2 Page - Mini-Circuits

Part # ADE-851FH
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-851FH Datasheet(HTML) 2 Page - Mini-Circuits

  ADE-851FH Datasheet HTML 1Page - Mini-Circuits ADE-851FH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
620.10
685.10
7.02
32.67
37.75
3.09
3.98
34.43
640.10
705.10
7.16
31.84
37.74
3.11
3.65
35.57
650.10
715.10
7.24
31.74
37.83
3.13
3.47
35.90
660.10
725.10
7.30
31.16
38.18
3.15
3.32
37.53
670.10
735.10
7.31
30.43
38.70
3.10
3.22
38.09
680.10
745.10
7.29
30.68
39.23
3.08
3.18
37.57
690.10
755.10
7.30
31.59
40.05
3.07
3.15
36.78
700.10
765.10
7.27
32.16
40.88
3.07
3.15
37.32
710.10
775.10
7.21
32.40
42.31
3.06
3.18
38.39
720.10
785.10
7.20
33.24
43.16
3.05
3.22
38.98
740.10
805.10
7.32
37.26
44.32
3.09
3.34
37.77
750.10
815.10
7.37
38.89
44.03
3.11
3.36
37.70
760.10
825.10
7.42
39.91
42.12
3.15
3.38
37.54
780.10
845.10
7.51
42.45
39.94
3.19
3.46
35.85
790.10
855.10
7.54
43.49
39.19
3.21
3.52
35.55
800.10
865.10
7.54
42.78
38.53
3.22
3.61
36.30
820.10
885.10
7.66
41.62
37.71
3.22
3.76
35.45
830.10
895.10
7.74
41.77
37.39
3.20
3.81
34.58
840.10
905.10
7.78
41.46
37.18
3.18
3.83
34.47
850.10
915.10
7.80
40.78
36.88
3.14
3.83
34.17
Performance Charts
ADE-851FH+
CONVERSION LOSS
7.0
7.5
8.0
8.5
9.0
9.5
10.0
620
660
700
740
780
820
860
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)
at IF Freq of 60 MHz
ADE-851FH+
L-R ISOLATION
25
30
35
40
45
50
685
731
777
823
869
915
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)
ADE-851FH+
RF VSWR
2.8
3.0
3.2
3.4
3.6
3.8
4.0
620
660
700
740
780
820
860
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)
ADE-851FH+
LO VSWR
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
685
731
777
823
869
915
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)
ADE-851FH+
ADE-851FH+
IF VSWR
1.00
1.25
1.50
1.75
0
30
60
90
120
150
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)
at LO Freq of 1700 MHz
ADE-851FH+
IP3
20.0
25.0
30.0
35.0
40.0
45.0
620
660
700
740
780
820
860
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)
ADE-851FH+
L-I ISOLATION
30
35
40
45
685
731
777
823
869
915
FREQUENCY (MHz)
15 (dBm)
17 (dBm)
19 (dBm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com