Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP196WN Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button BFP196WN Datasheet HTML 9Page - Infineon Technologies AG BFP196WN Datasheet HTML 10Page - Infineon Technologies AG BFP196WN Datasheet HTML 11Page - Infineon Technologies AG BFP196WN Datasheet HTML 12Page - Infineon Technologies AG BFP196WN Datasheet HTML 13Page - Infineon Technologies AG BFP196WN Datasheet HTML 14Page - Infineon Technologies AG BFP196WN Datasheet HTML 15Page - Infineon Technologies AG BFP196WN Datasheet HTML 16Page - Infineon Technologies AG BFP196WN Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
1
0.1
0.2 0.3 0.4 0.5
2
1.5
3
4 5
0
1
-1
1.5
-1.5
2
-2
3
-3
4
-4
5
-5
10
-10
0.5
-0.5
0.1
-0.1
0.2
-0.2
0.3
-0.3
0.4
-0.4
5.0
1.0
2.0
3.0
5.0
0.01
3.0
4.0
0.01
6.0
2.0
1.0
0.01 to 6 GHz
4.0
6.0
20mA
50mA
Figure 12 Output reflection coefficient S22 = f(f) at VCE = 8 V, IC = 20, 50 mA
1
0.1
0.2 0.3 0.4 0.5
2
1.5
3
4 5
0
1
-1
1.5
-1.5
2
-2
3
-3
4
-4
5
-5
10
-10
0.5
-0.5
0.1
-0.1
0.2
-0.2
0.3
-0.3
0.4
-0.4
5.0
1.0
2.0
3.0
5.0
0.01
3.0
4.0
0.01
6.0
2.0
1.0
0.01 to 6 GHz
4.0
6.0
20mA
50mA
Figure 13 Input reflection coefficient S11 = f(f) at VCE = 8 V, IC = 20, 50 mA
BFP196WN
Low noise silicon bipolar RF transistor
Electrical performance in test fixture
Preliminary datasheet
13
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com