Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8209WBRMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8209WBRMZ-R7
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8209WBRMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8209WBRMZ-R7 Datasheet HTML 1Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8209
Data Sheet
Rev. C | Page 4 of 16
Parameter
Test Conditions1
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
4.5
5.5
V
Quiescent Current
Typical, TA
1.6
mA
Quiescent Current vs. Temperature
VOUT = 0.1 V dc, VS = 5 V, TOPR
AD8209WBRM
2.7
mA
AD8209WHRM
3.0
mA
PSRR
VS = 4.5 V to 5.5 V, TOPR
66
80
dB
TEMPERATURE RANGE
For Specified Performance at TOPR
AD8209WBRM
−40
+125
°C
AD8209WHRM
−40
+150
°C
1
VCM = input common-mode voltage.
2
Source imbalance < 2 Ω.
3
The AD8209 preamplifier exceeds 80 dB CMRR at 10 kHz. However, because the output is available only by way of the 100 kΩ resistor, even a small amount of pin-to-
pin capacitance between the IN pins and the A1 and A2 pins might couple an input common-mode signal larger than the greatly attenuated preamplifier output. The
effect of pin-to-pin coupling can be neglected in all applications by using a filter capacitor from Pin 3 to GND.
4
The output voltage range of the AD8209 varies depending on the load resistance and temperature. For additional information on this specification, refer to Figure 12
and Figure 13.
5
The output voltage range of A2 assumes that Pin 3 (A1 output) and Pin 4 (A2 input) are shorted together. A 25 kΩ load resistor is used for testing.
6
The output voltage range of A2 assumes Pin 4 (A2 input) is driven with an external voltage source. A 25 kΩ load resistor is used for testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com