Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8209WBRMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8209WBRMZ-R7
Description  High Voltage, Precision Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8209WBRMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8209WBRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8209WBRMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8209
Data Sheet
Rev. C | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN 1
GND 2
A1 3
A2 4
+IN
8
VS
7
NC
6
OUT
5
NC = NO CONNECT
AD8209
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
1
2
2
3
4
5
7
8
Figure 3. Metallization Photograph
Table 3. Pin Function Descriptions
Coordinates
Pin No.
Mnemonic
X
Y
Description
1
−IN
−322
+563
Inverting Input
2
GND
−321
+208
Ground
2
GND
−327
+339
Ground
3
A1
−321
−51
Preamplifier (A1) Output
4
A2
−321
−214
Buffer (A2) Input
5
OUT
+321
−388
Buffer (A2) Output
6
NC
No Connect
7
VS
+322
+363
Supply
8
+IN
+322
+561
Noninverting Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com