Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212YRMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8212YRMZ-R7
Description  High Voltage Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212YRMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8212YRMZ-R7 Datasheet HTML 2Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 3Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 4Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AD8212
Data Sheet
Rev. C | Page 6 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
195
175
180
185
190
170
165
160
5
10
15
20
25
30
35
40
45
50
55
60
65
SUPPLY VOLTAGE (V)
T = +125°C
T = +25°C
T = –40°C
Figure 4. Supply Current vs. Supply (Pin V+) (IOUT = 0 mA)
5.2
5.0
5.1
4.9
4.8
5
10
15
20
25
30
35
40
45
50
55
60
65
SUPPLY VOLTAGE (V)
T = –40°C
T = +25°C
T = +125°C
Figure 5. Regulator Voltage vs. Supply (Pin V+)
0
5
10
15
20
25
30
35
40
45
50
1k
10k
100k
1M
10M
G = +50
G = +20
G = +5
FREQUENCY (Hz)
Figure 6. Gain vs. Frequency
1200
1000
400
600
800
200
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 7. Input Offset Voltage vs. Temperature
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
0
7
12
17
22
27
32
37
42
47
52
57
62
VOLTAGE SUPPLY (V)
+125°C
+25°C
–40°C
Figure 8 .Input Offset Voltage vs. Supply (Pin V+)
2
3
4
5
6
7
8
9
10
1
0
0
50
100
150
200
250
300
350
400
450
500
DIFFERENTIAL INPUT VOLTAGE (mV)
Figure 9. Output Current Drift vs. Differential Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com