Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8212YRMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8212YRMZ-R7
Description  High Voltage Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8212YRMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8212YRMZ-R7 Datasheet HTML 5Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 6Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 7Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 8Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 9Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 10Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 11Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 12Page - Analog Devices AD8212YRMZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Data Sheet
AD8212
Rev. C | Page 9 of 13
THEORY OF OPERATION
NORMAL OPERATION
(7 V TO 65 V SUPPLY (V+) RANGE)
In typical applications, the AD8212 measures a small
differential input voltage generated by a load current
flowing through a shunt resistor.
The operational amplifier (A1) is connected across the shunt
resistor (RSHUNT) with its inverting input connected to the
battery/supply side, and the noninverting input connected
to the load side of the system. Amplifier A1 is powered via
an internal series regulator (depicted as a Zener diode in
Figure 22). This regulator maintains a constant 5 V between
the battery/supply terminal of the AD8212 and COM (Pin 2),
which represents the lowest common point of the internal
circuitry.
A load current flowing through the external shunt resistor
produces a voltage at the input terminals of the AD8212.
Amplifier A1 responds by causing Transistor Q1 to conduct the
necessary current through Resistor R1 to equalize the potential
at both the inverting and noninverting inputs of Amplifier A1.
The current through the emitter of Transistor Q1 (IOUT) is
proportional to the input voltage (VSENSE), and, therefore, the
load current (ILOAD) through the shunt resistor (RSHUNT). The
output current (IOUT) is converted to a voltage by using an
external resistor, the value of which is dependent on the input
to output gain equation desired in the application.
The transfer function for the AD8212 is
IOUT = (gm × VSENSE)
VSENSE = ILOAD × RSHUNT
VOUT = IOUT × ROUT
VOUT = (VSENSE × ROUT)/1000
where:
gm = 1000 µA/V.
In normal voltage operation mode, the bias circuit is connected
to GND, as shown in Figure 22. In this mode, IBIAS is typically
185 µA throughout the 7 V to 65 V (V+) range.
IOUT
ILOAD
ROUT
AD8212
BATTERY
RSHUNT
OUTPUT
CURRENT
COMPENSATION
R1
R2
A1
Q1
VOUT
BIAS
CIRCUIT
8
6
3
2
5
1
Figure 22. Typical Connection (7 V to 65 V Supply (Pin V+) Range)
When using the AD8212 as described, the battery/supply
voltage in the system must be between 7 V to 65 V. The 7 V
minimum supply range is necessary to turn on the internal
regulator (shown as a Zener diode in Figure 22). This regulated
voltage then remains a constant 5 V, regardless of the supply
(V+) voltage. The 65 V maximum limit in this mode of
operation is due to the breakdown voltage limitation of the
AD8212 process.
Typically, a 1% resistor can be used to convert the output
current to a voltage. Table 4 provides suggested ROUT values.
Table 4. Suggested ROUT Values
Gain (V/V)
ROUT (kΩ)
1
1
10
10
20
20
50
49.9
100
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com