Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8214ARMZ-R7
Description  Fast Response, High Voltage Current Shunt Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8214ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Fast Response, High Voltage
Current Shunt Comparator
Data Sheet
AD8214
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input-to-output response: <100 ns
High input common-mode voltage range
Operating: 5 V to 65 V
Survival: 0 V to 68 V
Current output
Hysteresis: 10 mV
Integrated 2.4 V regulator
Wide operating temperature range: –40°C to +125°C
8-lead MSOP package
Qualified for automotive applications
APPLICATIONS
Overcurrent protection
Motor controls
Transmission controls
Diesel injection controls
DC-to-DC converters
Power supplies
Batteries
FUNCTIONAL BLOCK DIAGRAM
2.4V
REGULATOR
1
3
6
5
8
2
VS
+IN
–IN
OUT
VREG
GND
Figure 1.
GENERAL DESCRIPTION
The AD8214 is a fast response, high common-mode voltage,
current shunt comparator. The device operates on the high side
rail of any DC current sensing application, provided the voltage
is between 5 V and 65 V. Internally, the AD8214 features a fast
comparator that is optimized for high side operation. An internal
Zener regulator powers the circuit with respect to the high side
DC rail. In addition, user access to this 2.4V regulator, allows
for setting a comparator threshold voltage via external resistors.
The AD8214 will compare the voltage across the shunt resistor
to this user-selected threshold, and the AD8214 output will change
states from low to high, indicating the current across the shunt
has crossed the threshold level.
The input to output response time of the AD8214 is typically
less than 100 ns. This makes the device optimal for overcurrent
protection in applications such as motor and solenoid control.
Built-in comparator hysteresis means that once the current
across the shunt falls back to a normal limit, the AD8214 output
will change states to its original level.
The AD8214 is available in an 8-lead MSOP package. The
operating temperature range is −40°C to +125°C, and the device
is fully qualified for automotive applications.


Similar Part No. - AD8214ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8214ARMZ-R7 AD-AD8214ARMZ-R7 Datasheet
398Kb / 16P
High Voltage Threshold Detector
10/06-Revision 0
More results

Similar Description - AD8214ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
High Voltage Current Shunt Monitor
REV. A
logo
Texas Instruments
INA301 TI1-INA301 Datasheet
153Kb / 7P
Current-Shunt Monitor Overcurrent Comparator
INA301-Q1 TI1-INA301-Q1 Datasheet
1Mb / 32P
Current-Shunt Monitor With High-Speed, Overcurrent Protection Comparator
logo
Analog Devices
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. B to Rev. C
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com