Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8214ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8214ARMZ-R7
Description  Fast Response, High Voltage Current Shunt Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8214ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8214ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8214ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8214
Rev. A | Page 9 of 16
60
70
80
90
100
110
120
OVERDRIVE VOLTAGE (mV)
5
15
25
35
45
55
65
75
85
95
ROUT = 3.3kΩ
ROUT = 5kΩ
Figure 22. Propagation Delay vs. Overdrive Voltage,
(+IN > –IN by Specified VOD, Output Low to High)
12
7
8
9
10
11
–0.9
–1.0
–0.8 –0.7 –0.6 –0.5 –0.4 –0.3 –0.2
0.2
–0.1
0
0.1
INPUT COMMON-MODE VOLTAGE (V)
Figure 23. Hysteresis Voltage vs. Input Common-Mode Voltage
(With Respect to VS)
140
60
0
20
80
40
100
120
–4
–2
–3
–1
4
0
1
3
2
INPUT OFFSET VOLTAGE (mV)
MEAN = –0.16
Figure 24. Input Offset Voltage Distribution
0
60
30
90
120
150
180
210
240
–12.0
–11.5
–11.0
–10.5
–10.0
–9.5
–9.0
–8.5
–8.0
HYSTERESIS VOLTAGE (mV)
MEAN = –10
Figure 25. Hysteresis Voltage Distribution
0
60
30
90
120
150
180
210
240
800
850
900
950
1000
1050
1100
1150
1200
OUTPUT CURRENT (µA)
MEAN = 987.7
Figure 26. Output Current Distribution
160
0
20
40
60
80
100
120
140
–2.46
–2.45
–2.44
–2.43
–2.42
–2.40
–2.41
MEAN = –2.42
REGULATOR VOLTAGE (V)
Figure 27. Regulator Voltage Distribution
(With Respect to VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com