Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8215WYRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8215WYRZ-R7
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8215WYRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8215WYRZ-R7 Datasheet HTML 1Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 2Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 3Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 4Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD8215
Data Sheet
Rev. B | Page 4 of 13
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
12.5 V
Continuous Input Voltage (Survival)
−3 V to +68 V
Continuous Differential Input Voltage
0.5 V
Reverse Supply Voltage
−0.3 V
ESD Rating
HBM
±4000 V
Charged Device Model (CDM)
±1000 V
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Output Short-Circuit Duration
Indefinite
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com