Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8215WYRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8215WYRZ-R7
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8215WYRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8215WYRZ-R7 Datasheet HTML 5Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 6Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 7Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 8Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 9Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 10Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 11Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 12Page - Analog Devices AD8215WYRZ-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AD8215
Data Sheet
Rev. B | Page 12 of 13
APPLICATIONS INFORMATION
HIGH-SIDE CURRENT SENSING WITH A LOW-SIDE
SWITCH
In such load control configurations, the PWM-controlled switch
is ground referenced. An inductive load (solenoid) is tied to a
power supply. A resistive shunt is placed between the switch and
the load (see Figure 28). An advantage of placing the shunt on the
high side is that the entire current, including the recirculation
current, can be measured because the shunt remains in the loop
when the switch is off. In addition, diagnostics can be enhanced
because shorts to ground can be detected with the shunt on the
high side. In this circuit configuration, when the switch is closed,
the common-mode voltage moves down to near the negative
rail. When the switch is opened, the voltage reversal across the
inductive load causes the common-mode voltage to be held one
diode drop above the battery by the clamp diode.
INDUCTIVE
LOAD
CLAMP
DIODE
SHUNT
SWITCH
BATTERY
5
4
5V
8
7
6
2
3
5
14
NC
V+
IN+
IN–
OUT
NC
NC
GND
AD8215
Figure 28. Low-Side Switch
HIGH-SIDE CURRENT SENSING
In this configuration, the shunt resistor is referenced to the battery.
High voltage is present at the inputs of the current sense amplifier.
In this mode, the recirculation current is again measured and
shorts to ground can be detected. When the shunt is battery
referenced, the AD8215 produces a linear ground-referenced
analog output. An AD8214 can also provide an overcurrent
detection signal in as little as 100 ns (see Figure 29). This feature
is useful in high current systems where fast shutdown in over-
current conditions is essential.
5
4
5V
INDUCTIVE
LOAD
CLAMP
DIODE
SHUNT
SWITCH
BATTERY
1
2
3
4
8
7
6
5
AD8214
GND
NC
–IN
OUT
VREG
+IN
VS
NC
OVERCURRENT
DETECTION (<100ns)
5
6
7
3
2
8
41
NC
V+
IN+
IN–
OUT
NC
NC GND
AD8215
Figure 29. Battery-Referenced Shunt Resistor
LOW-SIDE CURRENT SENSING
In systems where low-side current sensing is preferred, the
AD8215 provides an integrated solution with great accuracy.
Ground noise is rejected, CMRR is typically higher than 90 dB, and
output linearity is not compromised, regardless of the input
differential voltage.
INDUCTIVE
LOAD
CLAMP
DIODE
SHUNT
BATTERY
SWITCH
5
4
5V
5
6
7
3
2
8
41
NC
V+
IN+
IN–
OUT
NC
NC GND
AD8215
Figure 30. Ground-Referenced Shunt Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com