Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJS170TS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AJS170TS
Description  SURFACE MOUNT LED LAMPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AJS170TS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AJS170TS Datasheet HTML 1Page - List of Unclassifed Manufacturers AJS170TS Datasheet HTML 2Page - List of Unclassifed Manufacturers AJS170TS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image



TEL: 852-26909605
FAX: 852-26909606



 
E-mail: grandhalo@hutchcity.com

!
Optical Characteristic Curves Of GH-S170 Series


  
%
Relative Intensity vs. Wavelength
Wavelength (nm)
0
5
10
15
20
25
30
4.0
4.5
3.0
3.5
2.0
2.5
1.0
1.5
0
0.5
5.0
Forward Current (mA)
Forward Current vs. Forward Voltage
Forward Current (mA)
Relative Intensity vs. Forward Current
Directive Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com