Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AJS170TS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AJS170TS
Description  SURFACE MOUNT LED LAMPS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AJS170TS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AJS170TS Datasheet HTML 1Page - List of Unclassifed Manufacturers AJS170TS Datasheet HTML 2Page - List of Unclassifed Manufacturers AJS170TS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


 


   
  
  
  
 


 



NOTES:
1. Empty component pockets are sealed with top cover tape;
2. Minimum leader length at both ends of the tape is450 mm;

3. The maximum number of missing lamps is two;

4. The cathode is oriented towards the tape sprocket hole in accordance with ANSI/EIA RS-481 specifications.
5. 3000pcs/Reel

Dimensions per ANSI/EIA
Standard RS-481
All dimensions are in
millimeters (inches).
A
180[7.09]
B
60[2.36]
C
13.5[0.53]
W
8.4[0.33]
Thickness of top cover tape
0.1[0.004”] MAX

USER DIRECTION OF FEED

TOP COVER TAPE
TEL: 852-26909605
FAX: 852-26909606



 
E-mail: grandhalo@hutchcity.com

!
Tape AndReel Of GH-S170 Series


  



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com