Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX86140 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX86140 Datasheet HTML 1Page - Maxim Integrated Products MAX86140 Datasheet HTML 2Page - Maxim Integrated Products MAX86140 Datasheet HTML 3Page - Maxim Integrated Products MAX86140 Datasheet HTML 4Page - Maxim Integrated Products MAX86140 Datasheet HTML 5Page - Maxim Integrated Products MAX86140 Datasheet HTML 6Page - Maxim Integrated Products MAX86140 Datasheet HTML 7Page - Maxim Integrated Products MAX86140 Datasheet HTML 8Page - Maxim Integrated Products MAX86140 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
General Description
The MAX86140/MAX86141 are ultra-low-power, com-
pletely integrated, optical data acquisition systems. On
the transmitter side, the MAX86140/MAX86141 have
three programmable high-current LED drivers that
can be configured to drive up to six LEDs. With two
MAX86140/MAX86141 devices working in master-slave
mode, the LED drivers can drive up to twelve LEDs.
On the receiver side, MAX86140 consists of a single
optical readout channels, while the MAX86141 has two opti-
cal readout channels that can operate simultaneously. The
devices have low-noise signal conditioning analog front-
end (AFE) including 19-bit ADC, an industry-lead ambient
light cancellation (ALC) circuit, and a picket fence detect
and replace algorithm. Due to the low power consumption,
compact size, easy/flexible-to-use and industry-lead ambient
light rejection capability of MAX86140/MAX86141, the
devices are ideal for a wide variety of optical-sensing
applications, such as pulse oximetry and heart rate detection.
The MAX86140/MAX86141 operate on a 1.8V main
supply voltage and a 3.1~5.5V LED driver supply voltage.
Both devices support a standard SPI compatible interface
and fully autonomous operation. Each device has a large
128-word built-in FIFO. The MAX86140/MAX86141 is
available in compact wafer-level package (WLP) (2.048 x
1.848mm) with 0.4mm ball pitch.
Applications
● Wearable Devices for Fitness, Wellness and Medical
Applications
● Optimized for Wrist, Finger, Ear, and Other Locations
● Optimized Performance to Detect
• Optical Heart Rate
• Oxygen Saturation (SpO2)
• Muscle Oxygen Saturation (SmO2 and StO2)
Ordering Information appears at end of data sheet.
19-100051; Rev 1; 8/17
Benefits and Features
● Complete Single and Dual-Channel Optical Data
Acquisition System
● Built-in Algorithm Further Enhances Rejection of Fast
Ambient Transients
● Optimized Architecture for Transmissive and
Reflective Heart Rate or SpO2 Monitoring
● Low Dark Current Noise of < 50pA RMS (Sample to
Sample Variance)
● Lower Effective Dark Current Noise Achievable Through
Multiple Sample Modes and On-Chip Averaging
● High-Resolution, 19-Bit Charge Integrating ADC
● Three Low-Noise, 8-Bit LED Current DACs
● Excellent Dynamic Range > 90dB in White Card
Loop-Back Test (Sample-to-Sample Variance)
● Dynamic Range Extendable to > 104dB for SpO2
and > 110dB for HRM with Multiple Sample Modes
and On-Chip Averaging
● Excellent Ambient Range and Rejection Capability
• > 100μA Ambient Photodetector Current
• > 70dB Ambient Rejection at 120Hz
● Ultra-Low-Power Operation for Body Wearable Devices
• Low-Power Operation, Optical Readout Channel
< 10μA (typ) at 25sps
• Short Exposure Integration Period of 14.8μs,
29.4μs, 58.7μs, 117.3μs
• Low Shutdown Current = 20μW (typ)
● Built-in Algorithm Further Enhances Rejection of Fast
Ambient Transients
● Miniature 2.048 x 1.848mm, 5 x 4 0.4mm Ball Pitch WLP
● -40°C to +85°C Operating Temperature Range
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health


Similar Part No. - MAX86140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX86140ENP+ MAXIM-MAX86140ENP+ Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
MAX86140EVSYS MAXIM-MAX86140EVSYS Datasheet
6Mb / 40P
Quick Evaluation of the MAX86140/MAX86141
Rev 0; 8/17
MAX86140 MAXIM-MAX86140_V01 Datasheet
1Mb / 89P
Best-in-Class Optical Pulse Oximeter and Heart-Rate Sensor for Wearable Health
2021
More results

Similar Description - MAX86140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD363 AD-AD363 Datasheet
682Kb / 8P
Complete 16-Channel,12-Bit Data Acquisition System
logo
DATEL, Inc.
5962-8851403XA DATEL-5962-8851403XA Datasheet
143Kb / 1P
8 Channels Complete Data Acquisition System
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
HDAS-16G883 DATEL-HDAS-16G883 Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16GC-C DATEL-HDAS-16GC-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MC DATEL-HDAS-16MC Datasheet
102Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-C DATEL-HDAS-16MM-C Datasheet
103Kb / 1P
Multi-Channel Complete Data Acquisition
HDAS-16MM-QL DATEL-HDAS-16MM-QL Datasheet
104Kb / 1P
Multi-Channel Complete Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com