Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX86140 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAX86140
Description  Complete Single and Dual-Channel Optical Data Acquisition System
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX86140 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAX86140 Datasheet HTML 50Page - Maxim Integrated Products MAX86140 Datasheet HTML 51Page - Maxim Integrated Products MAX86140 Datasheet HTML 52Page - Maxim Integrated Products MAX86140 Datasheet HTML 53Page - Maxim Integrated Products MAX86140 Datasheet HTML 54Page - Maxim Integrated Products MAX86140 Datasheet HTML 55Page - Maxim Integrated Products MAX86140 Datasheet HTML 56Page - Maxim Integrated Products MAX86140 Datasheet HTML 57Page - Maxim Integrated Products MAX86140 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
Read mode operations will access the requested data
on the 16th SCLK rising edge, and present the MSB of
the requested data on the following SCLK falling edge,
allowing the µC to latch the data MSB on the 17th SCLK
rising edge. Configuration and status registers are avail-
able through normal mode readback sequences. FIFO
reads must be performed with a burst mode FIFO read
(see SPI FIFO Burst Mode Read Transaction). If more
than 24 SCLK rising edges are provided in a normal
read sequence, the excess edges will be ignored and the
device will read back zeros.
SPI FIFO Burst Mode Read Transaction
The MAX86140/MAX86141 provides a FIFO burst read
mode to increase data transfer efficiency. The first 16
SCLK cycles operate exactly as described for the normal
read mode, the first byte being the register address, the
second being a read command. The subsequent SCLKs
consist of FIFO data, 24 SCLKs per word. All words in
the FIFO should be read with a single FIFO burst read
command.
Each FIFO sample consists of 3 bytes per sample and thus
requires 24 SCLKs per sample to readout. The first byte
(SCLK 16 to 23) consists of a tag indicating the data type
of the subsequent bits. Following the tag is the MSBs of the
subsequent data (MSB, MSB-1, and MSB-2). The next byte
(SCLK 24 to 31) consists of data bits MSB-3 to MSB-19. The
final byte of each sample (SCLK 32 to 40) consists of the
data LSB bits. The number of words in the FIFO depends
on the FIFO configuration. See FIFO Configuration for
more details the FIFO configuration and readout.
Figure 38. SPI Read Transaction
Figure 39. SPI FIFO Burst Mode Read Transaction
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A7
A6
A5
A4
A3
A2
A1
A0
R
Z
Interrupt/Read Pointer Updated (If Applicable)
Ignored
Edges
Z
CSB
SDI
SCLK
SDO
DON’T CARE
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
N+
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A7
A6
A5
A4
A3
A2
A1
A0
R
DON’T CARE
Z
CSB
SDI
SCLK
SDO
17
18
19
20
21
22
23
24
25
26
27
28
29
30
32
32
33
34
35
36
37
38
39
40
T4A
SCLK
SDO
CSB
T3A T2A T1A T0A O18A O17A O16A O15A O14A O13A O12A O11A O10A O9A O8A O7A O6A O5A O4A O3A O2A O1A O0A
N
N+
9
N+
17
T4C
SCLK
SDO
T3C T2C T1C T0C O18C O17C O16C O15C O14C O13C O12C O11C O10C O9C O8C O7C O6C O5C O4C O3C O2C O1C O0C
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
T4B
SCLK
SDO
T3B T2B T1B T0B O18B O17B O16B O15B O14B O13B O12B O11B O10B O9B O8B O7B O6B O5B O4B O3B O2B O1B O0B
Z
www.maximintegrated.com
Maxim Integrated │ 54
MAX86140/
MAX86141
Best-in-Class Optical Pulse Oximeter and
Heart-Rate Sensor for Wearable Health



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com