Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99D0-R Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # A3GT-99D0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99D0-R Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button A3GT-99D0-R Datasheet HTML 10Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 11Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 12Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 13Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 14Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 15Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 16Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 17Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 18Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
A3G
A3G
Assembly/Disassembly
s MOUNTING AND REPLACING THE OPERATING SECTION
Mounting directions of the LED/lamp for the pushbutton unit
(2) For the indicator:
Insert the LED/lamp guide into the narrower opening
in the indicator's receptacle.
(1) For the lighted type switch:
Fit the LED/lamp so that its guide projection is inserted into
the wider opening in the receptacle of the pushbutton unit.
Note: Push the LED/lamp projections into the base groove. The LED/lamp is flexibly mounted when used for illumination and is rigidly
mounted when used for indicators.
Removing lamp from the pushbutton unit
Position the functional unit as shown in (1). Press down on the
LED/lamp angling it in the direction indicated by A. Side B of the
LED/lamp disconnects and side C angles away from the
pushbutton unit so that it looks like (2). Turn the LED/lamp in the
direction indicated by D. The LED/lamp projections (2 locations)
will disconnect from the LED/lamp groove so that it looks like (3).
Pull in the E direction and remove the LED/lamp.
Mounting directions for the pushbutton unit and the switch unit
Insert the LED/lamp unit into the aperature of the switch unit with the LED/lamp
unit's guide facing the side of the aperature mouth that does not have the two
projections. The pressure applied during insertion should be 2.5 kg min.
Note: Since the mounting directions of the pushbutton unit are the opposite for
the lighted type switch and the indicator application, pay special attention
to the direction of the legend plate.
Removing the pushbutton unit
Pull the cap of the functional unit while holding the recessed guide
on both sides.
Note: Do not use radio pliers to remove the cap as they may cause damage.
LED/Lamp guide
LED/Lamp guide
LED/Lamp guide
Projections on the LED/lamp
LED/lamp projections
disconnected from
the grooves
LED/lamp
Functional unit
(1)
(2)
(3)
(4)
A
B
C
D
E
Projections of the switch unit
Face the guide of the LED/lamp unit toward
the side without the projections
Recessed guide
Groove in the indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com