Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3GT-99D0-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A3GT-99D0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99D0-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  A3GT-99D0-R Datasheet HTML 1Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 2Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 3Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99D0-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
A3G
A3G
Switch Guard
Dust Cover
Spring Mounting Clip
Panel Plug
Screw Fitting
Part Number
Description
Remarks
Round
Rectangular
Square
Switch Guard
Cannot be used with dust cover.
A3BT-5050
A3BJ-5050
A3BA-5050
Dust Cover
Cannot be used with switch cover.
A3BT-5060
A3BJ-5060
A3BA-5060
Spring Mounting Clip
Cannot be used with mounting nut.
A3B-3001
for snap-in mounting
Recommended panel thickness is 0.5 to 3.5 mm
Panel Plug
Can be plugged into pre-cut panel holes for
A3BT-3003
A3BJ-3003
A3BA-3003
future expansion.
Screw Fitting
Convenient for ganged installation. Do not overtighten.
A3B-3004
Extractor
Convenient for extracting pushbutton switches.
A3PJ-5080
Accessories
Legend Panel
Extractor
Switch Unit
Part Number
Description
Remarks
Type
Opacity
Round
Rectangular
Square
Legend Panel
A single legend panel
Dust Proof
Milky
A3BT-5201
A3BJ-5201
A3BA-5201
(transparent) is included
IP40
Transparent
A3BT-5202
A3BJ-5202
A3BA-5202
with standard products.
Oil-resistant
–
A3BT-5203
A3BJ-5203
A3BA-5203
IP65
Description
Remarks
Classification
Terminal Type
Part Number
Switch Unit
Replacement part.
General purpose loads
Solder
A3G-3011
Microloads
Solder
A3G-3111
Dummy
—
A3G-3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com