Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HC49
Description  Standard Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HC49 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HC49 Datasheet HTML 1Page - Golledge Electronics Ltd HC49 Datasheet HTML 2Page - Golledge Electronics Ltd HC49 Datasheet HTML 3Page - Golledge Electronics Ltd HC49 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HC49 1/4
v1.0
HC49
HC49
Standard Crystal
Standard Crystal
Industry standard HC49 case
Fundamental mode available up to 40.0MHz
Tight specifications available
Wide frequency range available
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Calibration tolerance
Any
±10ppm
1
±20ppm
2
±30ppm
3
±50ppm
5
Temperature stability
Any
±10ppm
1
±20ppm
2
±30ppm
3
±50ppm
5
Operating temperature range
Any
-10 to +60°C
1
-20 to +70°C
2
-30 to +80°C
3
-40 to +85°C
4
Circuit condition
Any
12pF
B
16pF
D
18pF
E
20pF
F
30pF
J
Series resonant
S
Oscillation mode
Any
Fundamental
F
3rd overtone
3
5th overtone
5


Similar Part No. - HC49

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HC49 HITACHI-HC49 Datasheet
44Kb / 8P
Dual 4-bit Decade Counters
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
logo
EUROQUARTZ limited
HC49 EUROQUARTZ-HC49 Datasheet
158Kb / 1P
THROUGH-HOLE CRYSTALS
logo
Jauch Quartz Gmbh
HC49 JAUCH-HC49 Datasheet
106Kb / 2P
Quartz Crystal
More results

Similar Description - HC49

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49 Datasheet
61Kb / 1P
STANDARD CRYSTAL
logo
Seiko Instruments Inc
SP521P SII-SP521P Datasheet
479Kb / 5P
LIQUID CRYSTAL DISPLAYS(STANDARD PRODUCTS)
logo
ECM Electronics Limited...
HC49 ECM-HC49 Datasheet
73Kb / 1P
Standard Crystal
HC49-4 ECM-HC49-4 Datasheet
79Kb / 1P
Standard Low Profile Crystal
HC494 ECM-HC494 Datasheet
77Kb / 1P
Standard Surface Mount Crystal
logo
AEL Crystals Ltd
HC-49U AEL-HC-49U Datasheet
134Kb / 1P
Standard Height Crystal
logo
Wolfgang Knap
UM1FAMILY-CAT5S49 WK-UM1FAMILY-CAT5S49 Datasheet
855Kb / 1P
STANDARD MONOLITHIC CRYSTAL FILTERS
logo
Gennum Corporation
GS2965 GENNUM-GS2965 Datasheet
3Mb / 41P
Uses standard 27MHz crystal
GS2985 GENNUM-GS2985 Datasheet
3Mb / 45P
Uses standard 27MHz crystal
logo
Golledge Electronics Lt...
HC49 GOLLEDGE-HC49_16 Datasheet
111Kb / 1P
Standard Crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com