Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC49 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # HC49
Description  Standard Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HC49 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  HC49 Datasheet HTML 1Page - Golledge Electronics Ltd HC49 Datasheet HTML 2Page - Golledge Electronics Ltd HC49 Datasheet HTML 3Page - Golledge Electronics Ltd HC49 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HC49 2/4
v1.0
Frequency range 1.0 ~ 160MHz
Dimensions
11.05 x 4.65 x 13.46mm
Package
Resistance weld
Operating
temperature
range
0 to +50°C
Equivalent series
resistance
3000Ω max (1.0MHz)
700Ω max (1.80 ~ 2.0MHz)
500Ω max (>2.0 ~ 2.4MHz)
300Ω max (>2.4 ~ 3.0MHz)
200Ω max (>3.0 ~ 3.2MHz)
150Ω max (>3.2 ~ 3.7MHz)
100Ω max (>3.7 ~ 4.2MHz)
80Ω max (>4.2 ~ 6.0MHz)
50Ω max (>6.0 ~ 9.0MHz)
30Ω max (>9.0 ~ 36.0MHz)
60Ω max (>24.0 ~ 90.0MHz, 3rd OT)
80Ω max (>80.0 ~ 160.0MHz, 5th OT)
Static
capacitance (C )
7pF max
Ageing
±3ppm max first year
Test drive level
100µW
SPECIFICATIONS
0
PACKAGE DRAWING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com