Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8314ARMZ
Description  RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8314ARMZ Datasheet HTML 1Page - Analog Devices AD8314ARMZ Datasheet HTML 2Page - Analog Devices AD8314ARMZ Datasheet HTML 3Page - Analog Devices AD8314ARMZ Datasheet HTML 4Page - Analog Devices AD8314ARMZ Datasheet HTML 5Page - Analog Devices AD8314ARMZ Datasheet HTML 6Page - Analog Devices AD8314ARMZ Datasheet HTML 7Page - Analog Devices AD8314ARMZ Datasheet HTML 8Page - Analog Devices AD8314ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8314
Rev. C | Page 5 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RFIN
1
ENBL
2
VSET
3
FLTR 4
VPOS
8
V_DN
7
V_UP
6
COMM
5
AD8314
TOP VIEW
(Not to Scale)
Figure 2. RM-8 Pin Configuration
1
RFIN
2
ENBL
3
VSET
4
FLTR
8 VPOS
7 V_DN
6 V_UP
5 COMM
AD8314
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD
MUST BE CONNECTED TO GROUND.
Figure 3. CP-8-23 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input.
2
ENBL
Connect Pin to VS for Normal Operation. Connect pin to ground for disable mode.
3
VSET
Setpoint Input for Operation in Controller Mode. To operate in detector mode connect VSET to V_UP.
4
FLTR
Connection for an External Capacitor to Slow the Response of the Output. Capacitor is connected between
FLTR and V_UP.
5
COMM
Device Common (Ground)
6
V_UP
Logarithmic Output. Output voltage increases with increasing input amplitude.
7
V_DN
Inversion of V_UP, Governed by: V_DN = 2.25 V − 2 × VUP.
8
VPOS
Positive Supply Voltage (VS), 2.7 V to 5.5 V.
EPAD
Exposed Pad. Connect EPAD via a low impedance path to ground. CP-8-23 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com