Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8314ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8314ARMZ
Description  RF Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8314ARMZ Datasheet HTML 1Page - Analog Devices AD8314ARMZ Datasheet HTML 2Page - Analog Devices AD8314ARMZ Datasheet HTML 3Page - Analog Devices AD8314ARMZ Datasheet HTML 4Page - Analog Devices AD8314ARMZ Datasheet HTML 5Page - Analog Devices AD8314ARMZ Datasheet HTML 6Page - Analog Devices AD8314ARMZ Datasheet HTML 7Page - Analog Devices AD8314ARMZ Datasheet HTML 8Page - Analog Devices AD8314ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD8314
Data Sheet
Rev. C | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configurations and Function Descriptions ........................... 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 10
Inverted Output .......................................................................... 11
Applications..................................................................................... 12
Basic Connections...................................................................... 12
Transfer Function in Terms of Slope and Intercept............... 12
dBV vs. dBm ............................................................................... 13
Filter Capacitor........................................................................... 13
Operating in Controller Mode ................................................. 13
Power-On and Enable Glitch.................................................... 14
Input Coupling Options ............................................................ 14
Increasing the Logarithmic Slope in Measurement Mode ... 15
Effect of Waveform Type on Intercept .................................... 15
Mobile Handset Power Control Examples.............................. 16
Operation at 2.7 GHz................................................................. 18
Using the LFCSP Package.......................................................... 18
Evaluation Board ........................................................................ 18
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
1/2018—Rev. B to Rev. C
Changes to Figure 3.......................................................................... 5
Added EPAD to Table 3 ................................................................... 5
Updated Outline Dimensions....................................................... 20
Changes to Ordering Guide .......................................................... 21
5/2006—Rev. A to Rev. B
Updated Format..................................................................Universal
Changes to General Description .................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Inserted Figure 3; Renumbered Sequentially................................ 5
Changes to Figure 4, Figure 5, Figure 6, Figure 7,
and Figure 8 ...................................................................................... 6
Changes to Figure 9, Figure 10, and Figure 12 ............................. 7
Changes to Figure 37...................................................................... 14
Changes to Table 5.......................................................................... 15
Changes to Figure 39...................................................................... 16
Changes to Table 7.......................................................................... 19
Updated Outline Dimensions....................................................... 20
Changes to Ordering Guide .......................................................... 20
3/2002—Rev. 0 to Rev. A
Edit to Product Description.............................................................1
Edit to Specifications.........................................................................2
Edit to Ordering Guide ....................................................................3
Edit to TPC 1......................................................................................4
New Section (Operation at 2.7 GHz) Added.............................. 14
Addition of New Figures 14 and 15 ............................................. 14
Changes to Evaluation Board Section.......................................... 14
Addition of Chip Scale Package.................................................... 16
10/1999—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com