Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8317-EVALZ
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  AD8317-EVALZ Datasheet HTML 1Page - Analog Devices AD8317-EVALZ Datasheet HTML 2Page - Analog Devices AD8317-EVALZ Datasheet HTML 3Page - Analog Devices AD8317-EVALZ Datasheet HTML 4Page - Analog Devices AD8317-EVALZ Datasheet HTML 5Page - Analog Devices AD8317-EVALZ Datasheet HTML 6Page - Analog Devices AD8317-EVALZ Datasheet HTML 7Page - Analog Devices AD8317-EVALZ Datasheet HTML 8Page - Analog Devices AD8317-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AD8317
Data Sheet
Rev. C | Page 4 of 19
Parameter
Conditions
Min
Typ
Max
Unit
f = 5.8 GHz
RTADJ = 500 Ω
Input Impedance
110||0.05
Ω||pF
±1 dB Dynamic Range
TA = 25°C
50
dB
−40°C < TA < +85°C
48
dB
Maximum Input Level
±1 dB error
−4
dBm
Minimum Input Level
±1 dB error
−54
dBm
Slope1
−22
mV/dB
Intercept1
16
dBm
Output Voltage, High Power In
PIN = −10 dBm
0.59
V
Output Voltage, Low Power In
PIN = −40 dBm
1.27
V
f = 8.0 GHz
RTADJ = open
Input Impedance
28||0.79
Ω||pF
±1 dB Dynamic Range
TA = 25°C
44
dB
−40°C < TA < +85°C
35
dB
Maximum Input Level
±1 dB error
−2
dBm
Minimum Input Level
±1 dB error
−46
dBm
Slope2
−22
mV/dB
Intercept2
21
dBm
Output Voltage, High Power In
PIN = −10 dBm
0.70
V
Output Voltage, Low Power In
PIN = −40 dBm
1.39
V
OUTPUT INTERFACE
VOUT (Pin 5)
Voltage Swing
VSET = 0 V, RFIN = open
VPOS − 0.1
V
VSET = 1.7 V, RFIN = open
10
mV
Output Current Drive
VSET = 0 V, RFIN = open
10
mA
Small Signal Bandwidth
RFIN = −10 dBm, from CLPF to VOUT
140
MHz
Output Noise
RFIN = 2.2 GHz, −10 dBm, fNOISE = 100 kHz,
CLPF = open
90
nV/√Hz
Fall Time
Input level = no signal to −10 dBm, 90% to 10%,
CLPF = 8 pF
18
ns
Input level = no signal to −10 dBm, 90% to 10%,
CLPF = open, ROUT = 150 Ω
6
ns
Rise Time
Input level = −10 dBm to no signal, 10% to 90%,
CLPF = 8 pF
20
ns
Input level = −10 dBm to no signal, 10% to 90%,
CLPF = open, ROUT = 150 Ω
10
ns
Video Bandwidth (or Envelope Bandwidth)
50
MHz
VSET INTERFACE
VSET (Pin 4)
Nominal Input Range
RFIN = 0 dBm, measurement mode
0.35
V
RFIN = −50 dBm, measurement mode
1.40
V
Logarithmic Scale Factor
−45
dB/V
Input Resistance
RFIN = −20 dBm, controller mode, VSET = 1 V
40
TADJ INTERFACE
TADJ (Pin 6)
Input Resistance
TADJ = 0.9 V, sourcing 50 μA
13
Disable Threshold Voltage
TADJ = open
VPOS − 0.4
V
POWER INTERFACE
VPOS (Pin 7)
Supply Voltage
3.0
5.5
V
Quiescent Current
18
22
30
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
60
µA/°C
Disable Current
TADJ = VPOS
200
µA
1
Slope and intercept are determined by calculating the best-fit line between the power levels of −40 dBm and −10 dBm at the specified input frequency.
2
Slope and intercept are determined by calculating the best-fit line between the power levels of −34 dBm and −16 dBm at 8.0 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com