Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8317-EVALZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8317-EVALZ
Description  Log Detector/Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8317-EVALZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8317-EVALZ Datasheet HTML 9Page - Analog Devices AD8317-EVALZ Datasheet HTML 10Page - Analog Devices AD8317-EVALZ Datasheet HTML 11Page - Analog Devices AD8317-EVALZ Datasheet HTML 12Page - Analog Devices AD8317-EVALZ Datasheet HTML 13Page - Analog Devices AD8317-EVALZ Datasheet HTML 14Page - Analog Devices AD8317-EVALZ Datasheet HTML 15Page - Analog Devices AD8317-EVALZ Datasheet HTML 16Page - Analog Devices AD8317-EVALZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
AD8317
Rev. C | Page 13 of 19
For example, PINTERCEPT for a sinusoidal input signal expressed in
terms of dBm (decibels referred to 1 mW), in a 50 Ω system is
PINTERCEPT [dBm] =
PINTERCEPT [dBV] − 10 × log10(Z0 × 1 mW/1 VRMS2) =
2 dBV − 10 × log10(50 × 10−3) = 15 dBm
(8)
For a square wave input signal in a 200 Ω system,
PINTERCEPT =
−1 dBV − 10 × log10[(200 Ω × 1 mW/1 VRMS2)] = 6 dBm
Further information on the intercept variation dependence
upon waveform can be found in the AD8313 and AD8307
data sheets.
SETTING THE OUTPUT SLOPE IN MEASUREMENT
MODE
To operate in measurement mode, VOUT must be connected
to VSET. Connecting VOUT directly to VSET yields the nominal
logarithmic slope of approximately −22 mV/dB. The output
swing corresponding to the specified input range is then approx-
imately 0.35 V to 1.7 V. The slope and output swing can be
increased by placing a resistor divider between VOUT and
VSET (that is, one resistor from VOUT to VSET and one
resistor from VSET to ground). The input impedance of VSET
is approximately 40 kΩ. To prevent this input impedance from
affecting the resulting slope, keep slope-setting resistors below
20 kΩ. If two equal resistors are used (for example, 10 kΩ/10 kΩ),
the slope doubles to approximately −44 mV/dB.
VOUT
AD8317
–44mV/dB
VSET
10kΩ
10kΩ
Figure 28. Increasing the Slope
CONTROLLER MODE
The AD8317 provides a controller mode feature at the VOUT
pin. By using VSET for the setpoint voltage, it is possible for the
AD8317 to control subsystems, such as power amplifiers (PAs),
variable gain amplifiers (VGAs), or variable voltage attenuators
(VVAs), that have output power that increases monotonically
with respect to their gain control signal.
To operate in controller mode, the link between VSET and
VOUT is broken. A setpoint voltage is applied to the VSET
input, VOUT is connected to the gain control terminal of the
VGA, and the RF input of the detector is connected to the
output of the VGA (usually using a directional coupler and
some additional attenuation). Based on the defined relationship
between VOUT and the RF input signal when the device is in
measurement mode, the AD8317 adjusts the voltage on VOUT
(VOUT is now an error amplifier output) until the level at the
RF input corresponds to the applied VSET. When the AD8317
operates in controller mode, there is no defined relationship
between the VSET and the VOUT voltage; VOUT settles to a value
that results in the correct input signal level appearing at
INHI/INLO.
For this output power control loop to be stable, a ground-
referenced capacitor must be connected to the CLPF pin. This
capacitor, CFLT, integrates the error signal (in the form of a
current) to set the loop bandwidth and ensure loop stability.
Further details on control loop dynamics can be found in the
AD8315 data sheet.
RFIN
VGA/VVA
GAIN
CONTROL
VOLTAGE
DIRECTIONAL
COUPLER
ATTENUATOR
INHI
VSET
INLO
CLPF
VOUT
AD8317
52.3Ω
47nF
CFLT
47nF
DAC
Figure 29. Controller Mode
Decreasing VSET, which corresponds to demanding a higher
signal from the VGA, increases VOUT. The gain control voltage
of the VGA must have a positive sense. A positive control
voltage to the VGA increases the gain of the device.
The basic connections for operating the AD8317 in an auto-
matic gain control (AGC) loop with the ADL5330 are shown in
Figure 30. The ADL5330 is a 10 MHz to 3 GHz VGA. It offers a
large gain control range of 60 dB with ±0.5 dB gain stability.
This configuration is similar to Figure 29.
The gain of the ADL5330 is controlled by the output pin of the
AD8317. This voltage, VOUT, has a range of 0 V to near VPOS. To
avoid overdrive recovery issues, the AD8317 output voltage can
be scaled down using a resistive divider to interface with the 0 V
to 1.4 V gain control range of the ADL5330.
A coupler/attenuation of 21 dB is used to match the desired
maximum output power from the VGA to the top end of the
linear operating range of the AD8317 (approximately −5 dBm
at 900 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com