Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32550 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX32550
Description  DeepCover Secure Cortex-M3 Flash Microcontroller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32550 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX32550 Datasheet HTML 1Page - Maxim Integrated Products MAX32550 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Description
DeepCover® embedded security solutions cloak sensitive
data under multiple layers of advanced physical security
to provide the most secure key storage possible.
The DeepCover Secure microcontroller (MAX32550) pro-
vides an interoperable, secure, and cost-effective solution
to build new generations of trusted devices such as mobile
chip and pin pads. The MAX32550 is based on a Cortex
M3 processor with 1MB of embedded flash, 256KB of
system RAM, 8KB of battery-backed AES self-encrypted
NVSRAM. It includes all the essential functions of mobile
POS terminal including a cryptographic engine, a true
random number generator, battery-backed RTC, environ-
mental and tamper detection circuitry, a magnetic stripe
reader, a smart card controller with embedded transceiver
to directly support 1.8V, 3.3V, and 5V cards, and an inte-
grated secure keypad controller. It also provides a seam-
less interface to TFT displays and includes a vast array of
peripherals, SPIs, UARTs, DMA, ADC, and DAC that add
flexibility to control and differentiate the system design.
Applications
● PCI Mobile Payment Terminals (mPOS)
● ATM Keyboards
● EMV Card Reader
Benefits and Features
● Arm® Cortex® M3 Processor Core Allows for Easy
Integration into Applications
• 108MHz Core Operating Frequency Through PLL
• 1MB Dual-Bank Flash Memory with Cache
• 256KB System SRAM
• 8KB AES Self-Encrypted NVSRAM
● Security Features Facilitate System-Level Protection
• Secure Boot Loader with Public Key Authentication
• AES, DES and SHA Hardware Accelerators
• Modulo Arithmetic Hardware Accelerator (MAA)
Supporting RSA, DSA, and ECDSA
• 8-Line Secure Keypad Controller
• Hardware True Random-Number Generator
• Die Shield with Dynamic Fault Detection
• 6 External Tamper Sensors with Independent
Random Dynamic Patterns
• 256-Bit Flip-Flop-Based Battery-Backup AES Key
Storage
• Temperature and Voltage Tamper Monitor
• Real-Time Clock
● Integrated Peripherals Reduce External Component Count
• Triple-Track Magnetic Stripe Head Interface
• One ISO 7816 Smart Card Interface with Integrated
Transceiver (1.8V, 3V, and 5V)
• USB 2.0 Device with Internal Transceiver and
Dedicated PLL
• 3 SPI Ports, 2 UART Ports, and 1 I2C Controller
• 6 Timers, 4 with PWM Capability
• Up to 70 General-Purpose I/O Pins
• 2-Channel, 10-Bit ADC and 1-Channel, 8-Bit DAC
• Color/Monochrome LCD TFT Controller
• 4-Channel DMA Controller
● Power Management Optimizes Battery Life and
Reduces Active Power Consumption
• Single 3.3V Supply Operation*
• Integrated Battery-Backup Switch
• Clock Gating Function
• Low-Current Battery-Backup Operation
*5V smart card support requires external 5.0V supply.
DeepCover is a registered trademark of Maxim Integrated Products, Inc.
Arm and Cortex are registered trademarks of Arm Limited (or its subsidiaries)
in the US and/or elsewhere.
19-7145; Rev 7; 12/17
AHB
ROM
64kB
SRAM
256kB
NVSRAM
8kB*
TRNG
USB DEVICE
FLASH
1MB
APB
OSC/PLL (2)
GPIO
TIMERS (6)
UART (2)
SPI (3)
I2C
OTP
RTC*
CRYPTO
SMART CARD
KEYPAD
ADC
DMA
SECURITY
MONITOR*
WATCHDOG
APB BRIDGE
APB PERIPHERALS
AHB PERIPHERALS
ARM
CORTEX M3
MPU
NVIC
I
D
MAX32550
S
MONO LCD
DAC
MSR
CODE SPACE
AHB
TFT
* BATTERY-BACKED BLOCKS
I
I
I
I
MAX32550
DeepCover Secure Cortex-M3
Flash Microcontroller
Functional Diagram
EVALUATION KIT AVAILABLE
ABRIDGED DATA SHEET


Similar Part No. - MAX32550

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
More results

Similar Description - MAX32550

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM3N ATMEL-SAM3N Datasheet
254Kb / 2P
Cortex M3 Flash Microcontroller Converges Performance and Simplicity
logo
NXP Semiconductors
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Maxim Integrated Produc...
MAXQ1741 MAXIM-MAXQ1741 Datasheet
141Kb / 3P
DeepCover Secure Microcontroller for Magnetic Card Reading
Rev 0; 12/12
MAXQ1852 MAXIM-MAXQ1852 Datasheet
155Kb / 2P
Evaluation Kit for DeepCover Secure Microcontroller
Rev 0; 5/13
DS2476 MAXIM-DS2476 Datasheet
347Kb / 8P
DeepCover Secure Coprocessor
Rev 0; 7/16
MAX32552 MAXIM-MAX32552 Datasheet
326Kb / 3P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32560 MAXIM-MAX32560 Datasheet
348Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 4; 6/19
MAX32561 MAXIM-MAX32561 Datasheet
320Kb / 2P
DeepCover Secure Arm Cortex-M3 Flash Microcontroller
Rev 1; 10/19
DS28C36 MAXIM-DS28C36_V01 Datasheet
313Kb / 7P
DeepCover Secure Authenticator
19-8564; Rev 3; 12/20
DS28E36 MAXIM-DS28E36_V01 Datasheet
447Kb / 17P
DeepCover Secure Authenticator
19-100170; Rev 3; 3/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com