Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8494ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8494ARMZ-R7
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8494ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Data Sheet
Rev. D | Page 8 of 16
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.00
1.50
1.00
0.50
0
–0.50
–1.00
–30
–10
–5
0
5
15
20
25
–25 –20 –15
10
30
INPUT VOLTAGE (V)
VOUT
IIN
Figure 9. AD8494 Input Overvoltage Performance, +VS = 2.7 V (Gain = 96.7)
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.00
1.50
1.00
0.50
0
–0.50
–1.00
–30
–10
–5
0
5
15
20
25
–25 –20 –15
10
30
INPUT VOLTAGE (V)
VOUT
IIN
Figure 10. AD8495/AD8497 Input Overvoltage Performance,
+VS = 2.7 V (Gain = 122.4)
3.00
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
2.00
1.50
1.00
0.50
0
–0.50
–1.00
–30
–10
–5
0
5
15
20
25
–25 –20 –15
10
30
INPUT VOLTAGE (V)
VOUT
IIN
Figure 11. AD8496 Input Overvoltage Performance, +VS = 2.7 V
Gain = 90.35)
16
12
8
4
0
–4
–8
–12
–16
3.0
2.5
2.0
1.5
1.0
–0.5
0
0.5
–1.0
–30
–10
–5
0
5
15
20
25
–25 –20 –15
10
30
INPUT VOLTAGE (V)
VOUT
IIN
Figure 12. AD8494 Input Overvoltage Performance, VS = ±15 V (Gain = 96.7)
16
12
8
4
0
–4
–8
–12
–16
3.0
2.5
2.0
1.5
1.0
–0.5
0
0.5
–1.0
–30
–10
–5
0
5
15
20
25
–25 –20 –15
10
30
INPUT VOLTAGE (V)
VOUT
IIN
Figure 13. AD8495/AD8497 Input Overvoltage Performance,
VS = ±15 V (Gain = 122.4)
16
12
8
4
0
–4
–8
–12
–16
3.0
2.5
2.0
1.5
1.0
–0.5
0
0.5
–1.0
–30
–10
–5
0
5
15
20
25
–25 –20 –15
10
30
INPUT VOLTAGE (V)
VOUT
IIN
Figure 14. AD8496 Input Overvoltage Performance, VS = ±15 V (Gain = 90.35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com