Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8494ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8494ARMZ-R7
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8494ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8494ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8494ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Data Sheet
Rev. D | Page 10 of 16
1s/DIV
Figure 21. 0.1 Hz to 10 Hz RTI Voltage Noise
5
4
3
2
1
0
–1
–2
–3
–4
–5
1k
10k
100k
LOAD RESISTANCE (Ω)
(+) –40°C
(+) +25°C
(+) +85°C
(+) +125°C
(–) –40°C
(–) +25°C
(–) +85°C
(–) +125°C
Figure 22. Output Voltage Swing vs. Load Resistance, VS = ±5 V
100
90
80
70
60
50
40
30
20
10
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 23. Voltage Noise Spectral Density vs. Frequency
TIME (1.5ms/DIV)
OUTPUT VOLTAGE
5V POWER-UP
Figure 24. Output Voltage Start-Up
+VS
–0.4
–0.8
–1.2
+1.2
+0.8
+0.4
–VS
10µ
100µ
1m
5m
OUTPUT CURRENT (A)
(+) –40°C
(+) +25°C
(+) +85°C
(+) +125°C
(–) –40°C
(–) +25°C
(–) +85°C
(–) +125°C
Figure 25. Output Voltage Swing vs. Output Current, VS = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com