Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4304-4ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4304-4ACPZ-R7
Description  1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4304-4ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4304-4ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADA4304-3/ADA4304-4
Data Sheet
Rev. A | Page 10 of 11
APPLICATIONS
The ADA4304-3/ADA4304-4 active splitters are primarily
intended for use in the downstream path of television set-top
boxes (STBs) that contain multiple tuners. They are typically
located directly after the diplexer in a bidirectional CATV
customer premise unit. The ADA4304-3/ADA4304-4 provide a
single-ended input and three or four single-ended outputs that
allow the delivery of the RF signal to multiple signal paths. These
paths can include, but are not limited to, a main picture tuner,
the picture-in-picture (PIP) tuner, an out-of-band (OOB) tuner,
a digital video recorder (DVR), and a cable modem (CM).
The ADA4304-3/ADA4304-4 exhibit composite second-order
(CSO) and composite triple beat (CTB) products that are −62 dBc
and −72 dBc, respectively. The use of the SiGe bipolar process
also allows the ADA4304-3/ADA4304-4 to achieve a noise figure
(NF) of 4.6 dB at 550 MHz.
CIRCUIT DESCRIPTION
The ADA4304-3/ADA4304-4 consist of a low noise buffer
amplifier followed by a resistive power divider. This arrangement
provides 3.3 dB (ADA4304-3) or 2.9 dB (ADA4304-4) of gain
relative to the RF signal present at the input of the device. The
input and each output must be properly matched to a 75 Ω
environment for distortion and noise performance to match
the data sheet specifications. AC coupling capacitors of 0.01 μF
are recommended for the input and outputs.
A 1 μH RF choke (Coilcraft chip inductor 0805LS-102X) is
required to correctly bias the internal nodes of the ADA4304-3/
ADA4304-4. It should be connected between the 5 V supply and
the IL pin (Pin 14). The choke should be placed as close as possible
to the ADA4304-3/ADA4304-4 to minimize parasitic capacitance
on the IL pin, which is critical for achieving the specified
bandwidth and flatness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com