Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4304-4ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4304-4ACPZ-R7
Description  1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4304-4ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4304-4ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4304-4ACPZ-R7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Data Sheet
ADA4304-3/ADA4304-4
Rev. A | Page 11 of 11
OUTLINE DIMENSIONS
1.45
1.30 SQ
1.15
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
EXPOSED
PAD
PIN 1
INDICATOR
3.10
3.00 SQ
2.90
0.50
0.40
0.30
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.30
0.23
0.18
COMPLIANT TO JEDEC STANDARDS MO-220-WEED.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.80
0.75
0.70
Figure 21. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-21)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4304-3ACPZ-RL
−40°C to +85°C
16-Lead LFCSP
CP-16-21
5,000
H16
ADA4304-3ACPZ-R7
−40°C to +85°C
16-Lead LFCSP
CP-16-21
1,500
H16
ADA4304-3ACPZ-R2
−40°C to +85°C
16-Lead LFCSP
CP-16-21
250
H16
ADA4304-4ACPZ-RL
−40°C to +85°C
16-Lead LFCSP
CP-16-21
5,000
H10
ADA4304-4ACPZ-R7
−40°C to +85°C
16-Lead LFCSP
CP-16-21
1,500
H10
ADA4304-4ACPZ-R2
−40°C to +85°C
16-Lead LFCSP
CP-16-21
250
H10
1 Z=RoHS Compliant Part
©2007–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07082-0-7/16(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com