Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8495ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8495ARMZ-R7
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8495ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8495ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8494/AD8495/AD8496/AD8497
Data Sheet
Rev. D | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
–IN 1
REF 2
–VS 3
NC 4
+IN
8
+VS
7
OUT
6
SENSE
5
NC = NO CONNECT
+
AD849x
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Negative Input.
2
REF
Reference. This pin must be driven by low impedance.
3
−VS
Negative Supply.
4
NC
No Connect.
5
SENSE
Sense Pin. In measurement mode, connect to output; in setpoint mode, connect to setpoint voltage.
6
OUT
Output.
7
+VS
Positive Supply.
8
+IN
Positive Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com