Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8495ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8495ARMZ-R7
Description  Precision Thermocouple Amplifiers with Cold Junction Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8495ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8495ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8495ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Thermocouple Amplifiers
with Cold Junction Compensation
Data Sheet
AD8494/AD8495/AD8496/AD8497
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low cost and easy to use
Pretrimmed for J or K type thermocouples
Internal cold junction compensation
High impedance differential input
Standalone 5 mV/°C thermometer
Reference pin allows offset adjustment
Thermocouple break detection
Laser wafer trimmed to 1°C initial accuracy and
0.025°C/°C ambient temperature rejection
Low power: <1 mW at VS = 5 V
Wide power supply range
Single supply: 2.7 V to 36 V
Dual supply: ±2.7 V to ±18 V
Small, 8-lead MSOP
APPLICATIONS
J or K type thermocouple temperature measurement
Setpoint controller
Celsius thermometer
Universal cold junction compensator
White goods (oven, stovetop) temperature measurements
Exhaust gas temperature sensing
Catalytic converter temperature sensing
FUNCTIONAL BLOCK DIAGRAM
–IN
+IN
OUT
REF
A1
A2
AD8494/AD8495/
AD8496/AD8497
A3
SENSE
ESD AND
OVP
ESD AND
OVP
COLD JUNCTION
COMPENSATION
1MΩ
THERMO-
COUPLE
Figure 1.
Table 1. Device Temperature Ranges
Part No.
Thermo-
Couple
Type
Optimized Temperature Range
Ambient Temperature
(Reference Junction)
Measurement
Junction
AD8494
J
0°C to 50°C
Full J type range
AD8495
K
0°C to 50°C
Full K type range
AD8496
J
25°C to 100°C
Full J type range
AD8497
K
25°C to 100°C
Full K type range
GENERAL DESCRIPTION
The AD8494/AD8495/AD8496/AD8497 are precision
instrumentation amplifiers with thermocouple cold junction
compensators on an integrated circuit. They produce a high
level (5 mV/°C) output directly from a thermocouple signal by
combining an ice point reference with a precalibrated amplifier.
They can be used as standalone thermometers or as switched
output setpoint controllers using a fixed or remote setpoint
control.
The AD8494/AD8495/AD8496/AD8497 can be powered from a
single-ended supply (less than 3 V) and can measure temperatures
below 0°C by offsetting the reference input. To minimize self-
heating, an unloaded AD849x typically operates with a total
supply current of 180 μA, but it is also capable of delivering in
excess of ±5 mA to a load.
The AD8494 and AD8496 are precalibrated by laser wafer
trimming to match the characteristics of J type (iron-constantan)
thermocouples; the AD8495 and AD8497 are laser trimmed to
match the characteristics of K type (chromel-alumel) thermo-
couples. See Table 1 for the optimized ambient temperature
range of each part.
The AD8494/AD8495/AD8496/AD8497 allow a wide variety of
supply voltages. With a 5 V single supply, the 5 mV/°C output
allows the devices to cover nearly 1000 degrees of a thermo-
couple’s temperature range.
The AD8494/AD8495/AD8496/AD8497 work with 3 V supplies,
allowing them to interface directly to lower supply ADCs. They
can also work with supplies as large as 36 V in industrial systems
that require a wide common-mode input range.
PRODUCT HIGHLIGHTS
1.
Complete, precision laser wafer trimmed thermocouple
signal conditioning system in a single IC package.
2.
Flexible pinout provides for operation as a setpoint
controller or as a standalone Celsius thermometer.
3.
Rugged inputs withstand 4 kV ESD and provide over-
voltage protection (OVP) up to VS ± 25 V.
4.
Differential inputs reject common-mode noise on the
thermocouple leads.
5.
Reference pin voltage can be offset to measure 0°C on
single supplies.
6.
Available in a small, 8-lead MSOP that is fully RoHS compliant.


Similar Part No. - AD8495ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8495ARMZ-R7 AD-AD8495ARMZ-R7 Datasheet
2Mb / 15P
Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD8495ARMZ-R7 AD-AD8495ARMZ-R7 Datasheet
493Kb / 16P
Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
More results

Similar Description - AD8495ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD594 AD-AD594 Datasheet
136Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
COLD JUNCTION COMPENSATION MODULE
logo
Analog Devices
AD8494 AD-AD8494 Datasheet
2Mb / 15P
Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
AD8494 AD-AD8494_1 Datasheet
493Kb / 16P
Precision Thermocouple Amplifiers with Cold Junction Compensation
REV. 0
AD594CDZ AD-AD594CDZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594ADZ AD-AD594ADZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
131Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595ADZ AD-AD595ADZ Datasheet
146Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD594 AD-AD594_15 Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
AD595 AD-AD595_15 Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com