Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC612LP4 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC612LP4
Description  LOGARITHMIC DETECTOR / CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC612LP4 Datasheet(HTML) 1 Page - Analog Devices

  HMC612LP4 Datasheet HTML 1Page - Analog Devices HMC612LP4 Datasheet HTML 2Page - Analog Devices HMC612LP4 Datasheet HTML 3Page - Analog Devices HMC612LP4 Datasheet HTML 4Page - Analog Devices HMC612LP4 Datasheet HTML 5Page - Analog Devices HMC612LP4 Datasheet HTML 6Page - Analog Devices HMC612LP4 Datasheet HTML 7Page - Analog Devices HMC612LP4 Datasheet HTML 8Page - Analog Devices HMC612LP4 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7
7 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
The HMC612LP4(E) Logarithmic Detector/Controller is
ideal for converting input signals with frequencies in the
50 Hz to 3 GHz range, to a proportional DC voltage at
its output. The HMC612LP4(E) employs a successive
compression technology which delivers extremely high
dynamic range and conversion accuracy over a wide
input frequency range. As the input signal is increased,
successive amplifiers move into saturation one by one
creating an accurate approximation of the logarithm
function. The output of a series of square law detectors
is summed, converted into voltage domain and buff-
ered to drive the LOGOUT output. For detection mode,
the LOGOUT pin is shorted to the VSET input and will
provide a nominal logarithmic slope of 19 mV/dB and an
intercept of -99 dBm. The HMC612LP4(E) can also be
used in the controller mode where an external voltage
is applied to the VSET pin, to create an AGC or APC
feedback loop.
General Description
HMC612LP4 / 612LP4E
Features
Functional Diagram
Wide Input Bandwidth: 50 Hz to 3 GHz
Wide Dynamic Range: Up to 74 dB
High Accuracy: ±1 dB with 60 dB Range Up to 0.9 GHz
Supply Voltage: +2.7V to +5.5V
Excellent Stability over Temperature
Power-Down Mode
Compact 4x4mm Leadless SMT Package
Typical Applications
The HMC612LP4(E) is ideal for IF and RF applica-
tions in:
• Cellular/PCS/3G
• WiMAX, WiBro, WLAN, Fixed Wireless & Radar
• Power Monitoring & Control Circuitry
• Receiver Signal Strength Indication (RSSI)
• Automatic Gain & Power Control
Electrical Specifications, TA = +25C[1]
Parameter
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Typ.
Units
Input Frequency
0.00005 0.0001
0.001
0.01
0.1
1
10
100
900
1900
2500
3000
MHz
±3 dB Dynamic Range
75
75
75
75
74
74
74
74
72
64
60
55
dB
±3 dB Dynamic Range Center
-30
-30
-30
-31
-33
-34
-34
dBm
±3 dB Dynamic Range Center
-45
-44.5
-45.5
-45
-45
dBV
±1 dB Dynamic Range
68
67
68
67
65
68
66
66
64
55
52
45
dB
Output Slope
19.7
19.7
19.6
19.6
19.8
19.7
19.8
19.8
19.4
19.4
19.8
20.8
mV/dB
Output Intercept
-94.5
-93.9
-93.8
-94.8
-92.5
-91.3
-86.4
dBm
Output Intercept
-110
-110.2
-110.6
-110.6
-110.0
dBV
Temperature
Sensitivity @ -43 dBV Input [2]
-9.9
-11.9
-11.3
-11.3
-11.3
mdBV/°C
Temperature
Sensitivity @ -30 dBm Input [2]
-12.5
-12.2
-11.7
-11.2
-11.7
-12.1
-13.4
mdBm/°C
[1] Detector mode measurements; LOGOUT (Pin 17) is shorted to VSET (Pin 18).
[2] Measured from TA = -45C to TA = +85C, Vdd1, Vdd2 = 5V
75 dB LOGARITHMIC
DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
v01.0108
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC612LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC612LP4 HITTITE-HMC612LP4 Datasheet
484Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
HMC612LP4E HITTITE-HMC612LP4E Datasheet
484Kb / 10P
75 dB LOGARITHMIC DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
More results

Similar Description - HMC612LP4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC601LP4 AD-HMC601LP4 Datasheet
494Kb / 8P
FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
LOGARITHMIC DETECTOR
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
Logarithmic Detector
11/14-Rev. 00.0813 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com