Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC612LP4 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC612LP4
Description  LOGARITHMIC DETECTOR / CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC612LP4 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC612LP4 Datasheet HTML 2Page - Analog Devices HMC612LP4 Datasheet HTML 3Page - Analog Devices HMC612LP4 Datasheet HTML 4Page - Analog Devices HMC612LP4 Datasheet HTML 5Page - Analog Devices HMC612LP4 Datasheet HTML 6Page - Analog Devices HMC612LP4 Datasheet HTML 7Page - Analog Devices HMC612LP4 Datasheet HTML 8Page - Analog Devices HMC612LP4 Datasheet HTML 9Page - Analog Devices HMC612LP4 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
7
7 - 69
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Application & Evaluation PCB Schematic
Notes
Note 1: The HMC612LP4 & HMC612LP4E evaluation boards are pre-assembled for single-ended input, and detector/RSSI mode.
Note 2: For detector mode, connect high impedance volt meter to the LOGOUT port. VSET is shorted to LOGOUT by R3, as
required for detector mode.
Note 3: For low frequency operation remove R6.
Note 4: Faster rise/fall time remove C6, C7 and C5
HMC612LP4 / 612LP4E
v01.0108
75 dB LOGARITHMIC
DETECTOR / CONTROLLER, 50 Hz - 3000 MHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com