Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2LS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2LS
Description  Ultra Subminiature Basic Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2LS Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2LS Datasheet HTML 1Page - Omron Electronics LLC D2LS Datasheet HTML 2Page - Omron Electronics LLC D2LS Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
D2LS
Ultra Subminiature Basic Switch
Compact Surface-mounting
Switches ideal for applications
requiring long durability
High Force type also available
· High operating force type also achieving long durability
(OF: 1.2 N, Durability: 5,000,000 operations)
· Compact size 8.6 × 4.8 × 3.0 mm (W × D × H)
contributing to down-sizing of module
· Clear click feeling
· Embossed taping package for automatic mounting
RoHS Compliant
Model Number Legend
Contact Form
● SPST-NO
List of Models
* Products are packed with embossed tape.
Contact Specifications
Ratings
Note: The rating values apply under the following test conditions.
Ambient temperature: 20
± 2°C
Ambient humidity: 65
± 5%RH
Operating frequency: 30 operations/min
Characteristics
Note: The data given above are initial values.
*1. The values are at Free Position and Total Travel Position values.
Close or open circuit of the contact is 1ms max.
*2. For testing conditions, consult your OMRON sales representative.
D2LS -
@1
Operating Force (OF)
1: 1.2±0.4 N {122±41 gf}
2: 0.6±0.2 N {61±20 gf}
COM
NO
Operating Force (OF) Button color
Model
Minimum packing unit *
1.2 N {122 gf}
WHITE
D2LS-11
2,000 pcs.
0.6 N {61 gf}
BLUE
D2LS-21
Contact
Specification
Crossbar
Material
Silver
Gap (standard value)
0.4 mm
Minimum applicable load (reference value)
3 VDC 15 µA
Rated voltage
Resistive load
6 VDC
1 mA
Operating speed
1 mm to 500 mm/s
Operatiing frequency
Mechanical/Electrical
300 operations/min max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial value)
100 m
Ω max.
Dielectric strength
Between terminals of same polarity
600 VAC 50/60 Hz 1 min
Vibration resistance *1
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance *1
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max.
Durability *2
Mechanical/Electrical
5,000,000 operations min. (at 300 ops./min.)
Degree of protection
IP40
Ambient operating tamperature
–25 to +85°C (at 60%RH Max.) (with no icing or condensation)
Ambient operation humidity
85%RH max. (for +5 to +35°C)
Weight
Approx. 0.16 g


Similar Part No. - D2LS

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2L20 SHINDENGEN-D2L20 Datasheet
443Kb / 7P
Super Fast Recovery Rectifiers(200V 1.5A)
D2L20U SHINDENGEN-D2L20U Datasheet
443Kb / 7P
Super Fast Recovery Rectifiers(200V 1.5A)
logo
Gulf Semiconductor
D2L20U GULFSEMI-D2L20U Datasheet
258Kb / 3P
ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?00v CURRENT竊?1.3A
logo
Shindengen Electric Mfg...
D2L20U SHINDENGEN-D2L20U_17 Datasheet
379Kb / 4P
Super Fast Recovery Diode
D2L40 SHINDENGEN-D2L40 Datasheet
405Kb / 6P
Super Fast Recovery Rectifiers(400V 2A)
More results

Similar Description - D2LS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
Subminiature Basic Switch
SSG OMRON-SSG Datasheet
765Kb / 10P
Subminiature Basic Switch
SS-P OMRON-SS-P Datasheet
480Kb / 8P
Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
Ultra Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
Sealed Ultra Subminiature Basic Switch
D2FD OMRON-D2FD Datasheet
352Kb / 5P
Dust Proof Ultra Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com