Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2LS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2LS
Description  Ultra Subminiature Basic Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2LS Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2LS Datasheet HTML 1Page - Omron Electronics LLC D2LS Datasheet HTML 2Page - Omron Electronics LLC D2LS Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
D2LS
Ultra Subminiature Basic Switch
Dimensions (Unit: mm) / Operating Characteristics
Note:Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Packaging Specifications (Unit: mm)
11.8
8.8
4±0.1
4±0.1
3.16±0.2
1
1.7
4.8±0.15
2.7
1.4
11.2±0.2
1
2.25
8.6±0.15
COM terminal
NO terminal
0.6
2.2
1.6
0.95±0.05 dia.
0.05±0.05
3
FP
OP
1.1
dia.
PCB pad dimensions (reference)
(TOP VIEW)
+0.05
0
Model
Operating Characteristics
D2LS-11
D2LS-21
Operating Force
Releasing Force
OF
RF min.
1.2
± 0.4 N {122 ± 41 gf}
0.15 N {15 gf}
0.6
± 0.2 N {61 ± 20 gf}
0.15 N {15 gf}
Overtravel
Movement Differential
OT min.
MD max.
0.1 mm
0.12 mm
Operating Position
Free Position
OP
FP
3.2
± 0.2 mm
3.5
± 0.2 mm
D2LS-11
D2LS-21
1.75
8±0.1
2
24
(11.5)
4±0.1
Drawing direction
Standard package Qty: 2,000 pcs./reel
(5.10)
Reel
29.4
380 dia.
13.2 dia.
1.5
dia.
-0.1
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com