Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2AW-C073D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2AW-C073D
Description  Sealed Ultra Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2AW-C073D Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2AW-C073D Datasheet HTML 1Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 2Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 3Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 4Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 5Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 6Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 7Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
D2AW
Sealed Ultra Subminiature Basic Switch
3
Characteristics
Note: The data given above are initial values.
*1. The values for dielectric strength shown are for models with a Separator.
Refer to your OMRON website.
*2. For testing conditions, consult your OMRON sales representative.
Mounting Structure and Reference Positions for Operating Characteristics (Unit: mm)
Permissible operating speed
30 mm to 500 mm/s (pin plunger models)
Permissible operating
frequency
Mechanical
30 operations/min max.
Electrical
20 operations/min max
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance (initial value)
100 m
Ω max.
Dielectric strength *1
Between terminals of the same polarity
600 VAC 50/60 Hz 1min
Between current-carrying metal parts and ground
1,500 VAC 50/60 Hz 1min
Between terminals and non-current-carrying
metal parts
1,500 VAC 50/60 Hz 1min
Vibration resistance
Malfunction
10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max.
Durability *2
Mechanical
200,000 operations min. (30 operations/min)
Electrical
200,000 operations min. (20 operations/min)
Degree of protection
IEC IP67
Ambient operating temperature
-40 to 85
°C (at 60%RH max.) (with no icing or condesenation)
Ambient operation humidity
95%RH max. (for +5 to +35
°C)
Weight
Approx. 0.7 g (for pin plunger models with terminals)
● Without posts
D2AW-A@
● Short post
D2AW-E@
Mounting Hole Dimensions (Reference)
● Long post
D2AW-B@
● M3-screw Mounting Models
D2AW-C@
4
1.7 dia.
FP
OP
TTP
13.3
7
5.3
13.3
3
6.5
FP
OP
TTP
1.7 dia.
5.3
2.6±0.05
1.5 –0.2
0
8±0.1
8±0.1
2.6
2.4+0.1
0
2.4+0.1 dia. holes
0
(depth:
D2AW-E
@: 1.5 mm min.
D2AW-B
@: 5 mm min.)
8±0.1
1.7 dia.
FPOP
TTP
13.3
6.5
3
5.3
2.6±0.05
5
0
-0.2
FP
OP
TTP
18.5
6
2.65
13±0.1
1.5
0
-0.1
1.5
0
-0.1
5.3
6.5
3.1
+0.13
-0.03
3 dia.
3.3 dia. ±0.15
0
-0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com