Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2AW-C073D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # D2AW-C073D
Description  Sealed Ultra Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2AW-C073D Datasheet(HTML) 5 Page - Omron Electronics LLC

  D2AW-C073D Datasheet HTML 1Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 2Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 3Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 4Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 5Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 6Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 7Page - Omron Electronics LLC D2AW-C073D Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
D2AW
Sealed Ultra Subminiature Basic Switch
5
Dimensions (Unit: mm) / Operating Characteristics
The following illustrations and drawings are for solder terminal models. PCB terminal models are omitted from the drawings. Refer to Terminals for these terminals.
When ordering, replace
@ with the code for the rating that you need. For the combination of models, refer to List of Models.
Note1. Unless otherwise specified, a tolerance of
±0.2 mm applies to all dimensions.
Note2. The operating characteristics are for operation in the A direction (
).
7
FP
OP
TTP
4
1.7 dia.
A
● Pin plunger
D2AW-@00@@
Operating
characteristics
Type
Without
posts
Models with
Posts
Operating Force
OF Max.
Releasing Force
RF Min.
1.00N {101 gf}
0.10N {10 gf}
Overtravel
OT
Movement Differential MD Max.
1.4 mm (reference value)
0.25 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP
11.2 mm
10.4 ± 0.3 mm
9.1 mm
7.2 mm
6.4 ± 0.3 mm
5.1 mm
20
2.65
3.4
6.5
3
8±0.1
(1.7)
FP
OP
TTP
A
(0.35)
●Long straight leaf lever
D2AW-@05@@
Operating characteristics
Type
Without
posts
Models with
Posts
Operating Force
OF Max.
Releasing Force
RF Min.
1.50N {152 gf}
0.10N {10 gf}
Overtravel
OT
Movement Differential MD Max.
2.5 mm (reference value)
0.7 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP
15.9 mm
12.1
± 0.8 mm
10.0 mm
11.9 mm
8.1
± 0.8 mm
6.0 mm
2.65
A
14
(1.7)
8±0.1
6.5
3
FP
OP
TTP
3.4
(0.35)
●Leaf lever
D2AW-
@06@@
Operating
characteristics
Type
Without
posts
Models with
Posts
Operating Force
OF Max.
Releasing Force
RF Min.
2.00N {203 gf}
0.20N {20 gf}
Overtravel
OT
Movement Differential MD Max.
1.8 mm (reference value)
0.5 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP
13.3 mm
11.4
± 0.5 mm
9.8 mm
9.3 mm
7.4
± 0.5 mm
5.8 mm
16
R2
(1.7)
3.4
6.5
3
FP
OP
TTP
2.65
8±0.1
(0.35)
A
●Simulated roller leaf lever
D2AW-
@07@@
Operating
characteristics
Type
Without
posts
Models with
Posts
Operating Force
OF Max.
Releasing Force
RF Min.
1.80N {183gf}
0.20N {20 gf}
Overtravel
OT
Movement Differential MD Max.
2.0 mm (reference value)
0.5 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP
17.0 mm
14.8
± 0.5 mm
12.9 mm
13.0 mm
10.8
± 0.5 mm
8.9 mm
(1.7)
(18)
3.4
2.65
8±1
6.5
3
FP
OP
TTP
(0.45)
A
●Long leaf lever
D2AW-
@08@@
Operating
characteristics
Type
Without
posts
Models with
Posts
Operating Force
OF Max.
Releasing Force
RF Min.
0.90N {91 gf}
0.05N {5 gf}
Overtravel
OT
Movement Differential MD Max.
2.8 mm (reference value)
0.7 mm
Free Position
FP Max.
Operating Position
OP
Total Travel Position
TTP
23.0 mm
19.4
± 1.5 mm
16.8 mm
19.0 mm
15.4
± 1.5 mm
12.8 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com