Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPF-SF50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SMPF-SF50
Description  Adapter SMP-F to SMA-F
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPF-SF50 Datasheet(HTML) 1 Page - Mini-Circuits

  SMPF-SF50 Datasheet HTML 1Page - Mini-Circuits SMPF-SF50 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Ultra-wideband, DC to 18 GHz
• Flat response
• Low insertion loss, 0.04 dB
• Excellent VSWR, 1.18:1
Product Overview
Mini-Circuits’ SMPF-SF50+ is a coaxial SMP-F to SMA-F adapter supporting a wide range of applications
from DC to 18 GHz. This model provides excellent VSWR, low insertion loss, and flat response versus
frequency. The SMPF-SF50+ features passivated stainless steel (SMA side) and Gold-plated berillium
copper construction (SMP side) and measures only 0.28" (l) x 0.67" (dia.)
SMPF-SF50+
Adapter SMP-F to SMA-F
CASE STYLE: DJ2142
Coaxial
50Ω
DC to 18 GHz
Key Features
Feature
Advantages
Wideband, DC to 18 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.18:1
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.04 dB
Provides excellent signal power transmission from input to output.
Passivated stainless steel (SMA side)
and Gold-plated berillium copper
(SMP side) construction
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature
range, -55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.


Similar Part No. - SMPF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
SMPF-SM50+ MINI-SMPF-SM50+ Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
More results

Similar Description - SMPF-SF50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
logo
Winchester Electronics ...
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
logo
Mini-Circuits
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
SF-SFRP50 MINI-SF-SFRP50 Datasheet
325Kb / 2P
Adapter SMA-F to SMA-FRP
logo
PHOENIX CONTACT
2884538 PHOENIX-2884538 Datasheet
46Kb / 2P
Adapter - RAD-ADP-RSMA/F-SMA/F
2884541 PHOENIX-2884541 Datasheet
231Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/F
logo
Amphenol SV Microwave
1115-6141 SVMICROWAVE-1115-6141 Datasheet
97Kb / 1P
STR. F SMA TO STR. F 2.92mm HERMETIC BLKHD ADAPTER
09/22
1129-6279 SVMICROWAVE-1129-6279 Datasheet
75Kb / 1P
SMA F TO SMA F STR. ADAPTER
04/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com