Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPF-SF50 Datasheet(PDF) 2 Page - Mini-Circuits

Part # SMPF-SF50
Description  Adapter SMP-F to SMA-F
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SMPF-SF50 Datasheet(HTML) 2 Page - Mini-Circuits

  SMPF-SF50 Datasheet HTML 1Page - Mini-Circuits SMPF-SF50 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Maximum Ratings
Operating Temperature
-45°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Dimensions (
)
inch
mm
SMPF-SF50+
Adapter SMP-F to SMA-F
REV. OR
M155716
SMPF-SF50+
WP/CP/AM
171215
Coaxial
Features
• low insertion loss, 0.04 dB
• excellent VSWR, 1.18
• low cost adapters, available from stock
• passivated stainless steel body (SMA)
and gold-plated berillium copper (SMP)
Applications
• interconnection of RF cables and equipment
Outline Drawing
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
18
GHz
Insertion Loss
DC - 18
—
0.04
—
dB
VSWR
DC - 8
—
1.04
1.2
:1
DC - 12.4
—
1.07
1.2
DC - 18
—
1.07
1.2
50Ω
DC to 18 GHz
Typical Performance Data
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
SMP-F
SMA-F
0.00
0.04
0.08
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
SMPF-SF50+
INSERTION LOSS
1.0
1.1
1.2
1.3
0
3000
6000
9000
12000
15000
18000
FREQUENCY (MHz)
SMPF-SF50+
VSWR
SMP-F
SMA-F
10
0.00
1.01
1.01
50
0.01
1.01
1.01
100
0.01
1.01
1.01
1000
0.04
1.01
1.02
2000
0.05
1.03
1.03
3000
0.05
1.03
1.03
4000
0.05
1.02
1.03
5000
0.05
1.03
1.03
6000
0.06
1.05
1.04
8000
0.04
1.08
1.11
9000
0.02
1.13
1.17
10000
0.01
1.13
1.18
11000
0.02
1.08
1.12
12000
0.03
1.07
1.07
13000
0.03
1.09
1.07
15000
0.04
1.06
1.01
16000
0.04
1.05
1.06
18000
0.01
1.10
1.09
A
B
C
wt
.28
.67
.250
grams
7.112 17.02
6.35
2.3
CASE STYLE: DJ2142
Connectors
Model
Conn1
Conn2
SMP-F
SMA-F
SMPF-SF50+
Case Material: Passivated stainless steel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com