Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHTXOL Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # GHTXOL
Description  3.3V CMOS Oscillator for Extreme Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GHTXOL Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  GHTXOL Datasheet HTML 1Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 2Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 3Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 4Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GHTXOL 3/5
v1.0
To request a quotation for the GHTXOL please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
Oil and gas down-hole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics
Input (pad 1)
Output (pad 3)
'0' level
Enabled
'1' level
High Impedance
Human Body Model (HBM) 1A (250V to <500V)
Moisture Sensitivity Level (MSL): 1 (or not applicable)
ORDERING INFORMATION
APPLICATIONS
ENABLE / DISABLE FUNCTION
HANDLING & STORAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com