Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHTXOL Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GHTXOL
Description  3.3V CMOS Oscillator for Extreme Environments
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GHTXOL Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GHTXOL Datasheet HTML 1Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 2Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 3Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 4Page - Golledge Electronics Ltd GHTXOL Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GHTXOL 2/5
v1.0
Frequency range
32.768kHz
1.5 ~ 30.0MHz
Dimensions
7.5 x 5.0 x 1.65mm
Supply voltage
(V )
+3.3V (±5%)
Operating
temperature range
-55 to +250°C
Overall stability
see note below
±500ppm over +25 to +250°C
Storage
temperature range
-55 to +125°C
Driving ability
15pF CMOS
Logic levels
‘0’ level = 10% V max
‘1’ level = 90% V min
Start up time
5ms max
Waveform
symmetry
40:60 max @ 50%V
Rise / fall time
10ns max
Shock resistance
30,000g, 0.5ms ½-sine
Vibration
resistance
20g rms 10.0 ~ 2,000Hz, swept sine
Overall stability is relative to nominal frequency.
Expected life at 250°C is 1000 hours minimum.
A bypass capacitor 0.1μF should be connected as
close as possible to supply and ground pads.
SPECIFICATIONS
DD
*
DD
DD
DD
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com