Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115B0 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLS115B0
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLS115B0 Datasheet HTML 1Page - Infineon Technologies AG TLS115B0 Datasheet HTML 2Page - Infineon Technologies AG TLS115B0 Datasheet HTML 3Page - Infineon Technologies AG TLS115B0 Datasheet HTML 4Page - Infineon Technologies AG TLS115B0 Datasheet HTML 5Page - Infineon Technologies AG TLS115B0 Datasheet HTML 6Page - Infineon Technologies AG TLS115B0 Datasheet HTML 7Page - Infineon Technologies AG TLS115B0 Datasheet HTML 8Page - Infineon Technologies AG TLS115B0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
1
Rev. 1.00
www.infineon.com/power
2016-10-13
TLS115B0
High Precision Voltage Tracker
Features
• 150 mA current capability
• Very high accuracy voltage tracking
• Output voltage adjustable down to 2.0 V
• Stable with ceramic output capacitors
• Very low dropout voltage
• Very low current consumption in OFF mode
• Internally controlled soft start
• Wide input voltage range: -16 V ≤ VIN ≤ 45 V
• Wide temperature range: -40°C ≤ Tj ≤ 150°C
• Short circuit protected output (to GND and to battery)
• Reverse polarity protected input
• Overtemperature protection
• Green Product (RoHS compliant)
• AEC Qualified
Applications
• Automotive sensor supply
• Protected sensor supply for off-board sensors
• Secondary voltage supply in automotive ECU
• High-precision voltage tracking
• Precision voltage replication
• Power switch for off-board load
Description
The TLS115B0 is a monolithic integrated low-dropout voltage tracking regulator with high accuracy in small
PG-DSO-8 exposed pad and PG-TSON-10 packages. The TLS115B0 is designed to supply off-board systems, for
example sensors in powertrain management systems under the severe conditions of automotive applications.
Therefore, the TLS115B0 is equipped with protection functions against reverse polarity and against short
circuit to GND and battery.
Up to a supply voltage of 45 V and output currents up to 150 mA, the output voltage follows the reference
voltage that is applied to the ADJ input with very high accuracy. The required minimum reference voltage at
ADJ is 2.0 V.


Similar Part No. - TLS115B0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS115D0EJ INFINEON-TLS115D0EJ Datasheet
1Mb / 26P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS115D0LD INFINEON-TLS115D0LD Datasheet
1Mb / 26P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
More results

Similar Description - TLS115B0

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
Voltage Tracker
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
Tracker
logo
Rohm
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
Voltage Tracker
BD42530EFJ-C ROHM-BD42530EFJ-C Datasheet
1Mb / 29P
250 mA Output Voltage Tracker
logo
Infineon Technologies A...
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
High Precision Voltage Tracker
Rev. 1.00 2016-10-13
logo
Rohm
BD42530XXX-C ROHM-BD42530XXX-C Datasheet
1Mb / 30P
250 mA Output Voltage Tracker
08.Nov.2021 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com