Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS115B0 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLS115B0
Description  High Precision Voltage Tracker
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS115B0 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLS115B0 Datasheet HTML 14Page - Infineon Technologies AG TLS115B0 Datasheet HTML 15Page - Infineon Technologies AG TLS115B0 Datasheet HTML 16Page - Infineon Technologies AG TLS115B0 Datasheet HTML 17Page - Infineon Technologies AG TLS115B0 Datasheet HTML 18Page - Infineon Technologies AG TLS115B0 Datasheet HTML 19Page - Infineon Technologies AG TLS115B0 Datasheet HTML 20Page - Infineon Technologies AG TLS115B0 Datasheet HTML 21Page - Infineon Technologies AG TLS115B0 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
TLS115B0
High Precision Voltage Tracker
Block description and electrical characteristics
Data Sheet
18
Rev. 1.00
2016-10-13
4.7
Adjust input
The Adjust input must be connected to the reference voltage, which is tracked.
4.8
Typical performance characteristics Adjust input
Table 8
Electrical characteristics Adjust input
VIN = 13.5 V, 2.0 V ≤ VADJ ≤ 14 V, VEN ≥ 2.0 V, Tj = -40°C to +150°C, all voltages with respect to ground, positive
current flowing into pin (unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Adjust input current
IADJ
–0.03
1
μA
VADJ =5V
P_4.7.1
Adjust input current IADJ vs.
Adjust input voltage VADJ
Adjust input current IADJ vs.
junction temperature Tj
2
4
6
8
10
12
0
10
20
30
40
50
60
70
80
90
100
V
ADJ
[V]
V
IN
= 13.5V
I
OUT
= 100
μA
T
j
= −40
°C
T
j
= 25
°C
T
j
= 150
°C
0
50
100
150
0
10
20
30
40
50
60
70
80
90
100
T
j
[
°C]
V
IN
= 13.5 V
V
ADJ
= 5 V
I
OUT
= 100
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com