Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820D0 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLS820D0
Description  Low Dropout Linear Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820D0 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLS820D0 Datasheet HTML 1Page - Infineon Technologies AG TLS820D0 Datasheet HTML 2Page - Infineon Technologies AG TLS820D0 Datasheet HTML 3Page - Infineon Technologies AG TLS820D0 Datasheet HTML 4Page - Infineon Technologies AG TLS820D0 Datasheet HTML 5Page - Infineon Technologies AG TLS820D0 Datasheet HTML 6Page - Infineon Technologies AG TLS820D0 Datasheet HTML 7Page - Infineon Technologies AG TLS820D0 Datasheet HTML 8Page - Infineon Technologies AG TLS820D0 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TLS820D0
Overview
Data Sheet
4
Rev. 1.0, 2016-02-08
Functional Description
The TLS820D0 is a high performance very low dropout linear voltage regulator for 5 V (TLS820D0V50) or 3.3 V
(TLS820D0V33) supply in a PG-SSOP-14 package.
With an input voltage range of 3 V to 40 V and very low quiescent of only 40 µA, these regulators are perfectly
suitable for automotive or any other supply systems connected to the battery permanently. The TLS820D0
provides an output voltage accuracy of 2 % and a maximum output current up to 200 mA.
The new loop concept combines fast regulation and very good stability while requiring only one small ceramic
capacitor of 1 µF at the output. At currents below 100 mA the device will have a very low typical dropout voltage
of only 70 mV (for 5 V device) and 80 mV (for 3.3 V device). The operating range starts already at input voltages
of only 3 V (extended operating range). This makes the TLS820D0 also suitable to supply automotive systems
that need to operate during cranking condition.
The device can be switched on and off by the Enable feature as described in Chapter 5.5.
The output voltage is supervised by the Reset feature, including Undervoltage Reset, delayed Reset at Power-On
and an adjustable lower Reset Threshold, more details can be found in Chapter 5.7.
Internal protection features like output current limitation and overtemperature shutdown are implemented to
protect the device against immediate damage due to failures like output short circuit to GND, over-current and
over-temperatures.
Choosing External Components
An input capacitor
C
I is recommended to compensate line influences. The output capacitor CQ is necessary for
the stability of the regulating circuit. TLS820D0 is designed to be also stable with low ESR ceramic capacitors.
Type
Package
Marking
TLS820D0ELV50
PG-SSOP-14
820D0V50
TLS820D0ELV33
PG-SSOP-14
820D0V33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com