Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS820D0 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLS820D0
Description  Low Dropout Linear Voltage Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS820D0 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLS820D0 Datasheet HTML 17Page - Infineon Technologies AG TLS820D0 Datasheet HTML 18Page - Infineon Technologies AG TLS820D0 Datasheet HTML 19Page - Infineon Technologies AG TLS820D0 Datasheet HTML 20Page - Infineon Technologies AG TLS820D0 Datasheet HTML 21Page - Infineon Technologies AG TLS820D0 Datasheet HTML 22Page - Infineon Technologies AG TLS820D0 Datasheet HTML 23Page - Infineon Technologies AG TLS820D0 Datasheet HTML 24Page - Infineon Technologies AG TLS820D0 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
TLS820D0
Block Description and Electrical Characteristics
Data Sheet
21
Rev. 1.0, 2016-02-08
Reset Reaction Time
In case the output voltage of the regulator drops below the output undervoltage lower reset threshold
V
RT,low, the
reset output “RO” is set to low, after the delay of the internal reset reaction time
t
rr,int. The reset blanking time trr,blank
is part of the reset reaction time
t
rr,int.
Reset Output “RO”
The reset output “RO” is an open collector output with an integrated pull-up resistor. In case a lower-ohmic “RO”
signal is desired, an external pull-up resistor can be connected to the output “Q”. Since the maximum “RO” sink
current is limited, the minimum value of the optional external resistor “
R
RO,ext” is given in Table “Reset Output
RO” on Page 23.
Reset Output “RO” Low for VQ ≥ 1V
In case of an undervoltage reset condition reset output “RO” is held “low” for
V
Q ≥ 1 V, even if the input “I” is not
supplied and the voltage
V
I drops below 1 V. This is achieved by supplying the reset circuit from the output
capacitor.
Reset Adjust Function
The undervoltage reset switching threshold can be adjusted according to the application’s needs by connecting
an external voltage divider (
R
ADJ1, RADJ2) at pin “RADJ”. For selecting the default threshold connect pin “RADJ” to
GND. The reset adjustment range for the TLS820D0ELV50 is given in Reset Threshold Adjustment Range. The
reset adjustment range for the TLS820D0ELV33 is given in Reset Threshold Adjustment Range.
When dimensioning the voltage divider, take into consideration that there will be an additional current constantly
flowing through the resistors.
With a voltage divider connected, the reset switching threshold
V
RT,new is calculated as follows
(neglecting the Reset Adjust Pin Current
I
RADJ):
V
RT,lo,new = VRADJ,th ×(RADJ,1 + RADJ,2)/ RADJ,2
(1)
with
•
V
RT,lo,new: Desired undervoltage reset switching threshold.
•
R
ADJ,1, RADJ,2: Resistors of the external voltage divider, see Figure 6.
•
V
RADJ,th: Reset adjust switching threshold given in Reset Adjustment Switching Threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com