Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF310 Datasheet(PDF) 2 Page - MMD Components

Part # TF310
Description  3 x 8mm, 3 x 8.5mm, 3 x 10mm Cylindrical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

TF310 Datasheet(HTML) 2 Page - MMD Components

  TF310 Datasheet HTML 1Page - MMD Components TF310 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com
Revision:
TF310042418E
Specifications are subject to change without notice.
Pg 2
Part Number Guide
Mechanical Details
ESR Chart
Frequency Range
ESR (Ohms)
Mode / Cut
3.57954MHz to 5.299MHz
150 Max
Fund / AT
5.500MHz to 5.999MHz
100 Max
Fund / AT
6.000MHz to 9.999MHz
80 Max
Fund / AT
10.000MHz to 11.999MHz
60 Max
Fund / AT
12.000MHz to 15.999MHz
50 Max
Fund / AT
16.000MHz to 36.000MHz
40 Max
Fund / AT
26.000MHz to 36.000MHz
100 Max
3rd OT/AT
36.000MHz to 65.000MHz
80 Max
3rd OT/AT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com