Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF310 Datasheet(PDF) 1 Page - MMD Components

Part # TF310
Description  3 x 8mm, 3 x 8.5mm, 3 x 10mm Cylindrical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

TF310 Datasheet(HTML) 1 Page - MMD Components

  TF310 Datasheet HTML 1Page - MMD Components TF310 Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMD MONITOR/QUARTZEK – An ILSI Company
5458 Louie Lane, Reno, NV 89511
Phone: (775) 851-8880, www.mmdcomp.com
Revision:
TF310042418E
Specifications are subject to change without notice.
Pg 1
T
TF
F3
31
10
0 S
Se
erriie
ess C
Crryysstta
all
 3 x 8mm, 3 x 8.5mm, 3 x 10mm Cylindrical
 AT Strip Cylindrical Crystal
 RoHS Compliant
 Thru-Hole Device
Environmental & Mechanical Detail
Marking Detail
Shock
MIL-STD-883, Method 2002 Cond B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL-STD-883, Method 2007, Cond A
Gross Leak Test
MIL-STD-883, Method 1014, Cond C
Fine Leak Test
MIL-STD-883, Method 1014, Cond A2
MSL
Level 1 per IPC/JEDEC J-STD 20
Frequency Range
3.579545MHz to 65.000MHz
Frequency Tolerance / Stability
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature
-40°C to +85°C
Aging
±5ppm per first year Maximum
Shunt Capacitance
5pF Maximum
Load Capacitance
(See Part Number Guide for Options)
Equivalent Series Resistance (ESR)
See ESR Chart
Mode of Operation
Fundamental or 3rd OT
Drive Level
100µW Maximum
Insulation Resistance
500 Megaohms Minimum at 100VDC ±15VDC
Line 1 = Frequency


Similar Part No. - TF310

ManufacturerPart #DatasheetDescription
logo
MMD Components
TF310 MMD-TF310 Datasheet
66Kb / 2P
TF310 Series Crystal
logo
Soshin electric Co., Lt...
TF3100C-TX SOSHIN-TF3100C-TX Datasheet
198Kb / 4P
3-phase 3-line 500VAC Super High Attenuation with serge protection
logo
MMD Components
TF310 MMD-TF310_12 Datasheet
66Kb / 2P
TF310 Series Crystal
More results

Similar Description - TF310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901 Datasheet
62Kb / 9P
3 x 3 Image Filter
1999 05
logo
NXP Semiconductors
PCF8833 PHILIPS-PCF8833 Datasheet
469Kb / 112P
STN RGB - 132 X 132 X 3 driver
2003 Feb 14
logo
NEC
UPD8891 NEC-UPD8891 Datasheet
297Kb / 32P
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Intersil Corporation
HSP48901 INTERSIL-HSP48901_04 Datasheet
146Kb / 8P
3 x 3 Image Filter
July 2004
logo
Bel Fuse Inc.
ABC275-1T12L BEL-ABC275-1T12L Datasheet
1Mb / 7P
5 x 3 x 0.75 Inches form factor
ABC550-1T12 BEL-ABC550-1T12 Datasheet
1Mb / 8P
5 x 3 x 1.5 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC120-1T12L BEL-MBC120-1T12L Datasheet
1Mb / 6P
3 x 2 Footprint
ABC300 BEL-ABC300_V01 Datasheet
867Kb / 7P
5 x 3 x 1.5 inch form factor
logo
Renesas Technology Corp
HSP48901 RENESAS-HSP48901 Datasheet
305Kb / 8P
3 x 3 Image Filter
July 2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com