Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OD-850WHT Datasheet(PDF) 2 Page - OptoDiode Corp

Part # OD-850WHT
Description  High Temperature GaAlAs IR Emitters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

OD-850WHT Datasheet(HTML) 2 Page - OptoDiode Corp

  OD-850WHT Datasheet HTML 1Page - OptoDiode Corp OD-850WHT Datasheet HTML 2Page - OptoDiode Corp OD-850WHT Datasheet HTML 3Page - OptoDiode Corp OD-850WHT Datasheet HTML 4Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
An ITW Company
From Deep UV to Mid-IR
Revision July 13, 2018
Page 2 of 4
High Temperature GaAlAs IR Emitters
OD-850WHT
25
0
20
40
60
80
100
120
140
160
180
200
50
75
100
125
AMBIENT TEMPERATURE (°C)
150
NO
HEAT SINK
INFINITE
HEAT SINK
50
60
70
80
90
100
STRESS TIME, (hrs)
101
102
103
104
105
TCASE = 25 °C
NO PRE BURN-IN PERFORMED
IF = 20 mA
IF = 50 mA
IF = 100 mA
IF = 100 mA (-3σ)
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
BEAM ANGLE θ(deg)
Maximum Rated Thermal Derating Curve
Typical Degradation Curve
Typical Radiation Pattern



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com